Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS20HMSR Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS20HMSR
Description  Radiation Hardened Dual 4-Input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS20HMSR Datasheet(HTML) 8 Page - Intersil Corporation

  HCTS20HMSR Datasheet HTML 1Page - Intersil Corporation HCTS20HMSR Datasheet HTML 2Page - Intersil Corporation HCTS20HMSR Datasheet HTML 3Page - Intersil Corporation HCTS20HMSR Datasheet HTML 4Page - Intersil Corporation HCTS20HMSR Datasheet HTML 5Page - Intersil Corporation HCTS20HMSR Datasheet HTML 6Page - Intersil Corporation HCTS20HMSR Datasheet HTML 7Page - Intersil Corporation HCTS20HMSR Datasheet HTML 8Page - Intersil Corporation HCTS20HMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
427
HCTS20MS
Die Characteristics
DIE DIMENSIONS:
2.20 x 2.24(mm)
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCTS20MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCTS20 is TA14426A.
A1
VCC
D2
B1 (2)
NC (3)
C1 (4)
D1 (5)
(6)
(7)
(8)
(9) A2
(10) B2
(11) NC
(12) C2
(1)
(14)
(13)
Y1
GND
Y2
Spec Number
518619


Similar Part No. - HCTS20HMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS20HMSR INTERSIL-HCTS20HMSR Datasheet
224Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
logo
Renesas Technology Corp
HCTS20HMSR RENESAS-HCTS20HMSR Datasheet
378Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
More results

Similar Description - HCTS20HMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Intersil Corporation
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
   Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20MS INTERSIL-ACS20MS Datasheet
85Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
April 1995
HCTS20MS INTERSIL-HCTS20MS Datasheet
224Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
   Radiation Hardened 8-Input NAND Gate
July 1999
logo
Renesas Technology Corp
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
   Radiation Hardened 8-Input NAND Gate
August 1995
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
   Radiation Hardened Quad2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
   Radiation Hardened 8-Input NAND Gate
August 1995
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com