Electronic Components Datasheet Search |
|
CS48N78 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd. |
|
CS48N78 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd. |
1 / 5 page General Description The is N-channel MOS Field Effect Transistor designed for high current switching applications. Rugged EAS capability and ultra low RDS(ON) is suitable for PWM, load switching especially for E-Bike controller applications. Features ● VDS=70V;ID=80A@ VGS=10V; RDS(ON)<7.2mΩ @ VGS=10V ● Special Designed for E-Bike Controller Application ● Ultra Low On-Resistance ● High UIS and UIS 100% Test Application ● 48V E-Bike Controller Applications ● Hard Switched and High Frequency Circuits ● Uninterruptible Power Supply Table 1. Absolute Maximum Ratings (TA=25℃) Symbol Parameter Value Unit VDS Drain-Source Voltage ( VGS=0V) 70 V VGS Gate-Source Voltage ( VDS=0V) ±25 V ID (DC) Drain Current (DC) at Tc=25℃ 80 A ID (DC) Drain Current (DC) at Tc=100℃ 56 A IDM (pluse) Drain Current-Continuous@ Current-Pulsed (Note 1) 320 A dv/dt Peak Diode Recovery Voltage 30 V/ns PD Maximum Power Dissipation(Tc=25℃) 100 W Derating Factor 0.66 W/℃ EAS Single Pulse Avalanche Energy (Note 2) 410 mJ TJ,TSTG Operating Junction and Storage Temperature Range -55 To 175 ℃ Notes 1.Repetitive Rating: Pulse width limited by maximum junction temperature 2.EAS condition:TJ=25℃,VDD=33V,VG=10V,I D=40.5A Schematic Diagram VDS = 70 V ID = 80 A RDS(ON) = 5.9 mΩ ® CS48N78 Pb Free Plating Product CS48N78 Pb 70V,80A N-Channel Trench Process Power MOSFET © 2006 Thinki Semiconductor Co.,Ltd. http://www.thinkisemi.com/ Page 1/5 Rev.05 CS48N78 G D S CS48N78 (TO-220 HeatSink) |
Similar Part No. - CS48N78 |
|
Similar Description - CS48N78 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |