Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48N88 Datasheet(PDF) 3 Page - Thinki Semiconductor Co., Ltd.

Part # CS48N88
Description  70V,92A N-Channel Trench Process Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

CS48N88 Datasheet(HTML) 3 Page - Thinki Semiconductor Co., Ltd.

  CS48N88 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. CS48N88 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. CS48N88 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. CS48N88 Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. CS48N88 Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Test Circuit
1)EAS Test Circuits
2)Gate Charge Test Circuit:
3)Switch Time Test Circuit:
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 3/5
Rev.05
®
CS48N88


Similar Part No. - CS48N88

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
CS48N88 DOINGTER-CS48N88 Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - CS48N88

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
CS64N90 THINKISEMI-CS64N90 Datasheet
905Kb / 5P
   85V,92A N-Channel Trench Process Power MOSFET
CS48N80 THINKISEMI-CS48N80 Datasheet
756Kb / 5P
   70V,87A N-Channel Trench Process Power MOSFET
CS48N78 THINKISEMI-CS48N78 Datasheet
759Kb / 5P
   70V,80A N-Channel Trench Process Power MOSFET
DK48N18 THINKISEMI-DK48N18 Datasheet
1Mb / 5P
   70V,158A N-Channel Trench Process Power MOSFET
CS48N75 THINKISEMI-CS48N75 Datasheet
1Mb / 5P
   70V,68A N-Channel Trench Process Power MOSFET
DK48N75 THINKISEMI-DK48N75 Datasheet
733Kb / 5P
   70V,68A N-Channel Trench Process Power MOSFET
DK48N78 THINKISEMI-DK48N78 Datasheet
1Mb / 5P
   70V,80A N-Channel Trench Process Power MOSFET
CS48N18 THINKISEMI-CS48N18 Datasheet
789Kb / 5P
   70V,158A N-Channel Trench Process Power MOSFET
TSP8592 THINKISEMI-TSP8592 Datasheet
1Mb / 5P
   85V,92A N-Channel Trench Process Power MOSFETs
EZ8590 THINKISEMI-EZ8590 Datasheet
1Mb / 5P
   85V,92A N-Channel Trench Process Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com