Selected language     English  ▼


CS64N90 Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part No. CS64N90
Description  85V,92A N-Channel Trench Process Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Homepage  http://www.thinkisemi.com
Logo 

   
 2 page
background image
Table 2.
Thermal Characteristic
Symbol
Parameter
Value
Unit
RJC
Thermal Resistance,Junction-to-Case
1.08
℃/W
Table 3.
Electrical Characteristics (TA=25unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
On/Off States
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID=250μA
82
V
IDSS
Zero Gate Voltage Drain Current(Tc=25℃)
VDS=82V,VGS=0V
1
μA
IDSS
Zero Gate Voltage Drain Current(Tc=125℃)
VDS=82V,VGS=0V
10
μA
IGSS
Gate-Body Leakage Current
VGS=±20V,VDS=0V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=250μA
2
4
V
RDS(ON)
Drain-Source On-State Resistance
VGS=10V, ID=40A
6.2
7.45
Dynamic Characteristics
gFS
Forward Transconductance
VDS=10V,ID=15A
20
S
Ciss
Input Capacitance
5053
PF
Coss
Output Capacitance
442
PF
Crss
Reverse Transfer Capacitance
VDS=25V,VGS=0V,
f=1.0MHz
145
PF
Qg
Total Gate Charge
106
nC
Qgs
Gate-Source Charge
19
nC
Qgd
Gate-Drain Charge
VDS=50V,ID=40A,
VGS=10V
47.9
nC
Switching Times
td(on)
Turn-on Delay Time
15
nS
tr
Turn-on Rise Time
18
nS
td(off)
Turn-Off Delay Time
31
nS
tf
Turn-Off Fall Time
VDD=30V,ID=40A,RL=15Ω
VGS=10V,RG=2.5Ω
38
nS
Source-Drain Diode Characteristics
ISD
Source-drain Current(Body Diode)
92
A
ISDM
Pulsed Source-Drain Current(Body Diode)
368
A
VSD
Forward On Voltage
(Note 1)
TJ=25℃,ISD=40A,VGS=0V
0.78
0.95
V
trr
Reverse Recovery Time
(Note 1)
56
nS
Qrr
Reverse Recovery Charge
(Note 1)
TJ=25℃,IF=75A
di/dt=100A/μs
113
nC
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible(turn-on is dominated by LS+LD)
Notes 1.Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 1.5%, RG=25Ω, Starting TJ=25℃
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/5
Rev.05
®
CS64N90




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl