Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8075 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8075
Description  Video Buffers with Disable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8075 Datasheet(HTML) 4 Page - Analog Devices

  AD8075_15 Datasheet HTML 1Page - Analog Devices AD8075_15 Datasheet HTML 2Page - Analog Devices AD8075_15 Datasheet HTML 3Page - Analog Devices AD8075_15 Datasheet HTML 4Page - Analog Devices AD8075_15 Datasheet HTML 5Page - Analog Devices AD8075_15 Datasheet HTML 6Page - Analog Devices AD8075_15 Datasheet HTML 7Page - Analog Devices AD8075_15 Datasheet HTML 8Page - Analog Devices AD8075_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD8074/AD8075–Typical Performance Characteristics
–4–
GAIN
2V p-p
200mV p-p
FREQUENCY – MHz
0.1
1000
1
10
100
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
FLATNESS
TPC 1. AD8074 Frequency Response; RL = 150
0.1
1000
1
10
100
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
200mV p-p
2V p-p
GAIN
FLATNESS
FREQUENCY – MHz
200mV p-p
2V p-p
TPC 2. AD8074 Frequency Response; RL = 1 k
Ω, CL = 5 pF
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.1
1
10
100
1000
FREQUENCY – MHz
VOUT = 2V p-p
CL = 10pF
CL = 0pF
CL = 5pF
VIN
VOUT
CL
1k
75
TPC 3. AD8074 Frequency Response vs. Capacitive Load
FLATNESS
GAIN
2V p-p
200mV p-p
2V p-p
FREQUENCY – MHz
0.1
1000
1
10
100
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
TPC 4. AD8075 Frequency Response; RL = 150
0.1
1000
1
10
100
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
2V p-p
GAIN
FLATNESS
200mV p-p
FREQUENCY – MHz
2V p-p
TPC 5. AD8075 Frequency Response; RL = 1 k
Ω, CL = 5 pF
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.1
1
10
100
1000
FREQUENCY – MHz
VOUT = 2V p-p
CL = 10pF
CL = 0pF
CL = 5pF
VIN
VOUT
CL
150k
75
TPC 6. AD8075 Frequency Response vs. Capacitive Load
Rev. B


Similar Part No. - AD8075_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8075-EVAL AD-AD8075-EVAL Datasheet
306Kb / 16P
   500 MHz, G = -1 and 2 Triple Video Buffers with Disable
REV. A
AD8075ARU AD-AD8075ARU Datasheet
306Kb / 16P
   500 MHz, G = -1 and 2 Triple Video Buffers with Disable
REV. A
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8075ARUZ-REEL AD-AD8075ARUZ-REEL Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
More results

Similar Description - AD8075_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8074 AD-AD8074_15 Datasheet
755Kb / 15P
   Video Buffers with Disable
Rev. B
AD8074 AD-AD8074 Datasheet
306Kb / 16P
   500 MHz, G = -1 and 2 Triple Video Buffers with Disable
REV. A
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8074Z-EVAL AD-AD8074Z-EVAL Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
logo
Analog Devices
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com