Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8079 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8079
Description  Dual 260 MHz Gain 2.0 & 2.2 Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8079 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8079_15 Datasheet HTML 4Page - Analog Devices AD8079_15 Datasheet HTML 5Page - Analog Devices AD8079_15 Datasheet HTML 6Page - Analog Devices AD8079_15 Datasheet HTML 7Page - Analog Devices AD8079_15 Datasheet HTML 8Page - Analog Devices AD8079_15 Datasheet HTML 9Page - Analog Devices AD8079_15 Datasheet HTML 10Page - Analog Devices AD8079_15 Datasheet HTML 11Page - Analog Devices AD8079_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8079
REV. A
–10–
+VS
–VS
RT
IN
50
OUT
+VS
–VS
C1
0.1µF
C3
10µF
C2
0.1µF
C4
10µF
+VS
–VS
RT
50
OUT
IN
*SEE TABLE I
Supply Bypassing
Inverting Configuration
Noninverting Configuration (G = +2)
+VS
–VS
RT
OUT
IN
TIE INPUT PINS
TOGETHER
TO MINIMIZE
PEAKING
Noninverting Configuration (G = +1)
RT
OUT
IN
AD8079B
TRIM
200
Optional Gain Trim (G = +2
→ +2.2)
Figure 29. Inverting and Noninverting Configurations
Table I. Recommended Component Values
Component
–1
+1
+2/+2.2
RT (Nominal) (
Ω)
53.6
49.9
49.9
Small Signal BW (MHz)
220
750
260
0.1 dB Flatness (MHz)
50
100
50
Figure 30. Board Layout (Silkscreen)
Figure 31. Board Layout (Component Layer)
Figure 32. Board Layout (Solder Side; Looking Through
the Board)


Similar Part No. - AD8079_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079AR AD-AD8079AR Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR AD-AD8079AR Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR AD-AD8079AR Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
More results

Similar Description - AD8079_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079ARZ AD-AD8079ARZ Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079 AD-AD8079 Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079ARZ AD-AD8079ARZ Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
   MHz Selectable Gain Buffer with Disable
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
   Dual Low-Power, Programmable Gain Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com