Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8106 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8106
Description  Video Crosspoint Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8106 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8106_15 Datasheet HTML 2Page - Analog Devices AD8106_15 Datasheet HTML 3Page - Analog Devices AD8106_15 Datasheet HTML 4Page - Analog Devices AD8106_15 Datasheet HTML 5Page - Analog Devices AD8106_15 Datasheet HTML 6Page - Analog Devices AD8106_15 Datasheet HTML 7Page - Analog Devices AD8106_15 Datasheet HTML 8Page - Analog Devices AD8106_15 Datasheet HTML 9Page - Analog Devices AD8106_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8106/AD8107
Rev. 0 | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
MAXIMUM POWER DISSIPATION
Parameter
Rating
The maximum power that can be safely dissipated by the
AD8106/AD8107 is limited by the associated rise in junction
temperature. The maximum safe junction temperature for
plastic encapsulated devices is determined by the glass
transition temperature of the plastic, approximately 150°C.
Temporarily exceeding this limit can cause a shift in parametric
performance due to a change in the stresses exerted on the die
by the package.
Supply Voltage
12.0 V
Internal Power Dissipation
AD8106/AD8107 80-Lead LQFP (ST-80-1)
2.6 W
Input Voltage
±VS
Output Short-Circuit Duration
Observe power
derating curves
θJA
48°C/W
Operating Temperature Range
−40°C to 85°C
Storage Temperature Range
−65°C to +125°C
Exceeding a junction temperature of 175°C for an extended
period can result in device failure.
Lead Temperature (Soldering 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
While the AD8106/AD8107 is internally short-circuit
protected, this may not be sufficient to guarantee that the
maximum junction temperature (150°C) is not exceeded under
all conditions. To ensure proper operation, it is necessary to
observe the maximum power derating curves shown in Figure 3.
AMBIENT TEMPERATURE (°C)
5
4
0
–50
80
–40 –30 –20 –10 0
10 20 30 40 50 60 70
3
2
1
90
TJ = 150°C
Figure 3. Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD8106_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
More results

Similar Description - AD8106_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
logo
Analog Devices
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Maxim Integrated Produc...
MAX4111 MAXIM-MAX4111 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
MAX4359 MAXIM-MAX4359 Datasheet
249Kb / 16P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
logo
Analog Devices
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com