Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8108 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8108
Description  325 MHz, 8 8 Buffered Video Crosspoint Switches
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8108 Datasheet(HTML) 5 Page - Analog Devices

  AD8108_15 Datasheet HTML 1Page - Analog Devices AD8108_15 Datasheet HTML 2Page - Analog Devices AD8108_15 Datasheet HTML 3Page - Analog Devices AD8108_15 Datasheet HTML 4Page - Analog Devices AD8108_15 Datasheet HTML 5Page - Analog Devices AD8108_15 Datasheet HTML 6Page - Analog Devices AD8108_15 Datasheet HTML 7Page - Analog Devices AD8108_15 Datasheet HTML 8Page - Analog Devices AD8108_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AD8108/AD8109
Rev. B | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
Reference
INPUT CHARACTERISTICS
Input Offset Voltage
Worst case (all configurations)
5
20
mV
Figure 35,
Figure 41
Temperature coefficient
12
µV/°C
Figure 36,
Figure 42
Input Voltage Range
±2.5/±1.25
±3/±1.5
V
Input Capacitance
Any switch configuration
2.5
pF
Input Resistance
1
10
MΩ
Input Bias Current
Per output selected
2
5
µA
SWITCHING CHARACTERISTICS
Enable On Time
60
ns
Switching Time, 2 V Step
50% UPDATE to 1% settling
25
ns
Switching Transient (Glitch)
Measured at output
20/30
mV p-p
Figure 22,
Figure 28
POWER SUPPLIES
Supply Current
AVCC, outputs enabled, no load
33
mA
AVCC, outputs disabled
10
mA
AVEE, outputs enabled, no load
33
mA
AVEE, outputs disabled
10
mA
DVCC
10
mA
Supply Voltage Range
±4.5 to ±5.5
V
PSRR
f = 100 kHz
73/78
dB
Figure 19,
Figure 25
f = 1 MHz
55/58
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (still air)
−40 to +85
°C
θJA
Operating (still air)
48
°C/W


Similar Part No. - AD8108_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
More results

Similar Description - AD8108_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com