Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8116 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8116
Description  Video Crosspoint Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8116 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8116_15 Datasheet HTML 4Page - Analog Devices AD8116_15 Datasheet HTML 5Page - Analog Devices AD8116_15 Datasheet HTML 6Page - Analog Devices AD8116_15 Datasheet HTML 7Page - Analog Devices AD8116_15 Datasheet HTML 8Page - Analog Devices AD8116_15 Datasheet HTML 9Page - Analog Devices AD8116_15 Datasheet HTML 10Page - Analog Devices AD8116_15 Datasheet HTML 11Page - Analog Devices AD8116_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD8116
–7–
REV. B
PIN CONFIGURATION
11
10
16
15
14
13
18
17
20
19
22
21
12
24
23
26
25
28
27
30
29
32
31
5
4
3
2
7
6
9
8
1
92
93
95
90
91
88
89
87
96
86
94
81
82
83
84
79
80
78
76
77
85
75
73
74
71
72
69
70
67
68
66
65
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AVCC00
OUT00
AVEE00/01
OUT01
AVCC01/02
OUT02
AVEE02/03
OUT03
AVCC03/04
OUT04
AVEE04/05
OUT05
AVCC05/06
AVEE10/11
OUT11
AVCC11/12
OUT12
AVEE12/13
OUT13
AVCC13/14
OUT14
AGND
IN00
AGND
IN01
AGND
IN02
AGND
IN03
AGND
IN04
AGND
IN05
AGND
IN06
AGND
IN07
AGND
IN08
AGND
IN09
AGND
IN10
AGND
IN11
AGND
IN12
AGND
IN13
AGND
IN14
AGND
IN15
AVEE14/15
OUT15
OUT06
AVEE06/07
OUT07
AVCC07/08
OUT08
AVEE08/09
OUT09
AVCC09/10
OUT10
AD8116
128L LQFP
(14mm x 14mm)
NC = NO CONNECT


Similar Part No. - AD8116_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
More results

Similar Description - AD8116_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
   Video Crosspoint Switch
REV. B
AD8177 AD-AD8177_15 Datasheet
851Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8178 AD-AD8178_15 Datasheet
826Kb / 40P
   Video Crosspoint Switch
REV. 0
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
[Old version datasheet]   32x16 Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com