Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8175 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8175
Description  Video Crosspoint Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8175 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8175_15 Datasheet HTML 2Page - Analog Devices AD8175_15 Datasheet HTML 3Page - Analog Devices AD8175_15 Datasheet HTML 4Page - Analog Devices AD8175_15 Datasheet HTML 5Page - Analog Devices AD8175_15 Datasheet HTML 6Page - Analog Devices AD8175_15 Datasheet HTML 7Page - Analog Devices AD8175_15 Datasheet HTML 8Page - Analog Devices AD8175_15 Datasheet HTML 9Page - Analog Devices AD8175_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD8175
Data Sheet
Rev. B | Page 6 of 40
TIMING CHARACTERISTICS (PARALLEL MODE)
Specifications subject to change without notice.
Table 7.
Limit
Parameter
Symbol
Min
Typ
Max
Unit
Parallel Data Setup Time
t1
80
ns
WE Pulse Width
t2
110
ns
Parallel Hold Time
t3
150
ns
WE Pulse Separation
t4
90
ns
WE to UPDATE Delay
t5
10
ns
UPDATE Pulse Width
t6
90
ns
Propagation Delay, UPDATE to Switch On
80
ns
RST Time
140
200
ns
t2
t4
1
0
WE
1
0
t1
t3
1 = LATCHED
0 = TRANSPARENT
UPDATE
t6
D0 TO D4
A0 TO A4
t5
Figure 3. Timing Diagram, Parallel Mode
Table 8. Logic Levels, VDD = 3.3 V
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
SER/PAR, WE,
D0, D1, D2, D3,
D4, A0, A1, A2,
A3, UPDATE
SER/PAR, WE,
D0, D1, D2, D3,
D4, A0, A1, A2,
A3, UPDATE
SEROUT
SEROUT
SER/PAR, WE,
D0, D1, D2, D3,
D4, A0, A1, A2,
A3, UPDATE
SER/PAR, WE,
D0, D1, D2, D3,
D4, A0, A1, A2,
A3, UPDATE
SEROUT
SEROUT
2.0 V min
0.6 V max
Disabled
Disabled
20 µA max
−20 µA max
Disabled
Disabled
Table 9. H and V Logic Levels, VDD = 3.3 V
VOH
VOL
IOH
IOL
2.7 V min
0.5 V max
–3 mA max
3 mA max
Table 10. RST Logic Levels, VDD = 3.3 V
VIH
VIL
IIH
IIL
2.0 V min
0.6 V max
−60 µA max
−120 µA max
Table 11. CS Logic Levels, VDD = 3.3 V
VOH
VOL
IIH
IOL
2.0 V min
0.6 V max
100 µA max
40 µA max


Similar Part No. - AD8175_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8175-EVALZ AD-AD8175-EVALZ Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8175ABPZ AD-AD8175ABPZ Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
More results

Similar Description - AD8175_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
AD8116 AD-AD8116_15 Datasheet
993Kb / 29P
   Video Crosspoint Switch
REV. B
AD8177 AD-AD8177_15 Datasheet
851Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8178 AD-AD8178_15 Datasheet
826Kb / 40P
   Video Crosspoint Switch
REV. 0
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
[Old version datasheet]   32x16 Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com