Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP42 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TIP42
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TIP42 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  TIP42_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TIP42_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TIP42_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
TIP42 Series (KIP42 Series)
Features
Medium Power Linear Switching Applications
Complement to TIP41/41A/41B/41C
2.3
0.60+ 0.1
- 0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4 .60 +0.15
-0.15
5.30+0.2
-0.2
2.30 +0.1
-0.1
0.50 +0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
TIP42 TIP42A TIP42B TIP42C
Unit
Collector - Base Voltage
VCBO
-40
-60
-80
-100
Collector - Emitter Voltage
VCEO
-40
-60
-80
-100
Emitter - Base Voltage
VEBO
Collector Current - Continuous
IC
Collector Current - Pulse
ICP
Base Current
IB
Collector Power Dissipation Tc=25°C
Ta=25°C
Junction Temperature
TJ
Storage Temperature range
Tstg
V
-5
-6
-10
150
-65 to 150
2
A
PC
20
2
W


Similar Part No. - TIP42_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TIP42 MCC-TIP42_11 Datasheet
243Kb / 2P
   Silicon PNP Power Transistors
TIP42 MCC-TIP42_13 Datasheet
169Kb / 2P
   Silicon PNP Power Transistors
More results

Similar Description - TIP42_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com