Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8193 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8193
Description  Buffered 2:1 TMDS Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8193 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8193_15 Datasheet HTML 2Page - Analog Devices AD8193_15 Datasheet HTML 3Page - Analog Devices AD8193_15 Datasheet HTML 4Page - Analog Devices AD8193_15 Datasheet HTML 5Page - Analog Devices AD8193_15 Datasheet HTML 6Page - Analog Devices AD8193_15 Datasheet HTML 7Page - Analog Devices AD8193_15 Datasheet HTML 8Page - Analog Devices AD8193_15 Datasheet HTML 9Page - Analog Devices AD8193_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8193
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, AVEE = 0 V, differential input swing = 1000 mV, pattern = PRBS 27 − 1,
data rate = 2.25 Gbps, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
REFERENCE EYE DIAGRAM AT TP1
DIGITAL
PATTERN
GENERATOR
AD8193
EVALUATION
BOARD
SERIAL DATA
ANALYZER
SMA COAX CABLE
HDMI CABLE
TP1
TP2
TP3
Figure 4. Test Circuit Diagram for Rx Eye Diagrams
0.125UI/DIV AT 2.25Gbps
Figure 5. Rx Eye Diagram at TP2 (Cable = 2 m, 30 AWG)
0.125UI/DIV AT 2.25Gbps
Figure 6. Rx Eye Diagram at TP2 (Cable = 6 m, 24 AWG)
0.125UI/DIV AT 2.25Gbps
Figure 7. Rx Eye Diagram at TP3 (Cable = 2 m, 30 AWG)
0.125UI/DIV AT 2.25Gbps
Figure 8. Rx Eye Diagram at TP3 (Cable = 6 m, 24 AWG)


Similar Part No. - AD8193_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8193-EVALZ AD-AD8193-EVALZ Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193ACPZ AD-AD8193ACPZ Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193ACPZ-R7 AD-AD8193ACPZ-R7 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
More results

Similar Description - AD8193_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8194 AD-AD8194_17 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194ACPZ AD-AD8194ACPZ Datasheet
476Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
   DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
logo
NXP Semiconductors
PCA9646 NXP-PCA9646 Datasheet
423Kb / 22P
   Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com