Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8196 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8196
Description  2:1 HDMI/DVI Switch with Equalization
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8196 Datasheet(HTML) 5 Page - Analog Devices

  AD8196_15 Datasheet HTML 1Page - Analog Devices AD8196_15 Datasheet HTML 2Page - Analog Devices AD8196_15 Datasheet HTML 3Page - Analog Devices AD8196_15 Datasheet HTML 4Page - Analog Devices AD8196_15 Datasheet HTML 5Page - Analog Devices AD8196_15 Datasheet HTML 6Page - Analog Devices AD8196_15 Datasheet HTML 7Page - Analog Devices AD8196_15 Datasheet HTML 8Page - Analog Devices AD8196_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8196
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
AVCC to AVEE
3.7 V
DVCC to DVEE
3.7 V
DVEE to AVEE
±0.3 V
VTTI
AVCC + 0.6 V
VTTO
AVCC + 0.6 V
AMUXVCC
5.5 V
Internal Power Dissipation
4.62 W
High Speed Input Voltage
AVCC − 1.4 V < VIN < AVCC + 0.6 V
High Speed Differential
Input Voltage
2.0 V
Low Speed Input Voltage
DVEE − 0.3 V < VIN < AMUXVCC + 0.6 V
I2C Logic Input Voltage
DVEE − 0.3 V < VIN < DVCC + 0.6 V
Storage Temperature
Range
−65°C to +125°C
Operating Temperature
Range
−40°C to +85°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θ
JA
is specified for the worst-case conditions: a device soldered
in a 4-layer JEDEC circuit board for surface-mount packages.
θ
JC
is specified for the exposed pad soldered to the circuit board
with no airflow.
Table 3. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
56-Lead LFCSP
27
2.1
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8196 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition
temperature of the plastic, approximately 150°C. Temporarily
exceeding this limit may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 175°C for an extended
period can result in device failure. To ensure proper operation,
it is necessary to observe the maximum power derating as
determined by the coefficients in Table 3.
ESD CAUTION


Similar Part No. - AD8196_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8196-EVAL AD-AD8196-EVAL Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8196ACPZ AD-AD8196ACPZ Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8196ACPZ-R7 AD-AD8196ACPZ-R7 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8196ACPZ-RL AD-AD8196ACPZ-RL Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results

Similar Description - AD8196_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com