Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8200 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8200
Description  High Common-Mode Voltage, Single-Supply Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8200 Datasheet(HTML) 5 Page - Analog Devices

  AD8200_15 Datasheet HTML 1Page - Analog Devices AD8200_15 Datasheet HTML 2Page - Analog Devices AD8200_15 Datasheet HTML 3Page - Analog Devices AD8200_15 Datasheet HTML 4Page - Analog Devices AD8200_15 Datasheet HTML 5Page - Analog Devices AD8200_15 Datasheet HTML 6Page - Analog Devices AD8200_15 Datasheet HTML 7Page - Analog Devices AD8200_15 Datasheet HTML 8Page - Analog Devices AD8200_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
AD8200
–5–
THEORY OF OPERATION
The AD8200 consists of a preamp and buffer arranged as shown
in Figure 3. Like-named resistors have equal values.
The preamp incorporates a dynamic bridge (subtractor) circuit.
Identical networks (within the shaded areas), consisting of RA,
RB, RC, and RG, attenuate input signals applied to Pins 1 and 8.
Note that when equal amplitude signals are asserted at inputs 1
and 8, and the output of A1 is equal to the common potential
(i.e., zero), the two attenuators form a balanced-bridge network.
When the bridge is balanced, the differential input voltage at
A1, and thus its output, will be zero.
Any common-mode voltage applied to both inputs will keep the
bridge balanced and the A1 output at zero. Because the resistor
networks are carefully matched, the common-mode signal rejec-
tion approaches this ideal state.
However, if the signals applied to the inputs differ, the result is a
difference at the input to A1. A1 responds by adjusting its output
to drive RB, by way of RG, to adjust the voltage at its inverting
input until it matches the voltage at its noninverting input.
By attenuating voltages at Pins 1 and 8, the amplifier inputs are
held within the power supply range, even if Pin 1 and Pin 8
input levels exceed the supply, or fall below common (ground.)
The input network also attenuates normal (differential) mode
voltages. RC and RG form an attenuator that scales A1 feedback,
forcing large output signals to balance relatively small differen-
tial inputs. The resistor ratios establish the preamp gain at 10.
Because the differential input signal is attenuated, and then
amplified to yield an overall gain of 10, the amplifier A1 oper-
ates at a higher noise gain, multiplying deficiencies such as input
offset voltage and noise with respect to Pins 1 and 8.
A1
A3
RCM
RCM
(TRIMMED)
100k
RA
–IN
RG
RC
RB
RA
RC
RB
RG
+IN
COM
A2
RF
RF
AD8200
Figure 3. Simplified Schematic
To minimize these errors while extending the common-mode
range, a dedicated feedback loop is employed to reduce the
range of common-mode voltage applied to A1, for a given over-
all range at the inputs. By offsetting the range of voltage applied
to the compensator, the input common-mode range is also offset
to include voltages more negative than the power supply. Ampli-
fier A3 detects the common-mode signal applied to A1 and
adjusts the voltage on the matched RCM resistors to reduce the
common-mode voltage range at the A1 inputs. By adjusting the
common voltage of these resistors, the common-mode input
range is extended while, at the same time, the normal mode
signal attenuation is reduced, leading to better performance
referred to input.
The output of the dynamic bridge taken from A1 is connected
to Pin 3 by way of a 100 k
Ω series resistor, provided for low-
pass filtering and gain adjustment. The resistors in the input
networks of the preamp and the buffer feedback resistors are
ratio-trimmed for high accuracy.
The output of the preamp drives a gain-of-two buffer-amplifier
A2, implemented with carefully matched feedback resistors RF.
The two-stage system architecture of the AD8200 enables the
user to incorporate a low-pass filter prior to the output buffer.
By separating the gain into two stages, a full-scale rail-to-rail
signal from the preamp can be filtered at Pin 3, and a half-scale
signal resulting from filtering can be restored to full scale by the
output buffer amp. The source resistance seen by the inverting
input of A2 is approximately 100 k
Ω, to minimize the effects of
A2’s input bias current. However, this current is quite small and
errors resulting from applications that mismatch the resistance
are correspondingly small.
APPLICATIONS
The AD8200 difference amplifier is intended for applications
where it is required to extract a small differential signal in the
presence of large common-mode voltages. The input resistance
is nominally 200 k
Ω, and the device can tolerate common-mode
voltages higher than the supply voltage and lower than ground.
The open collector output stage will source current to within
20 mV of ground.
2
1
TEK RUN: 2.5MS/s
HI RES
VOUT, RL = 10k
T
VIN
CH1 500mV
50mV
M 20 s CH1
1.5V
CH2
TPC 7. Pulse Response
3
1
TEK RUN: 2.5MS/s AVERAGE
VIN
CH3 100mV
VOUT, RL = 10k
MAGNIFIED VOUT
2
CH1 1V
CH 2 10mV M 20 s CH1
1.36V
TPC 8. Settling Time


Similar Part No. - AD8200_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8200CHIPS AD-AD8200CHIPS Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200R AD-AD8200R Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200YCHIPS AD-AD8200YCHIPS Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YCSURF AD-AD8200YCSURF Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YR AD-AD8200YR Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
More results

Similar Description - AD8200_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8202 AD-AD8202_15 Datasheet
301Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
Rev. H
AD8203 AD-AD8203_15 Datasheet
293Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202_05 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202 Datasheet
269Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. A
AD8200 AD-AD8200 Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200 AD-AD8200_03 Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8203 AD-AD8203 Datasheet
313Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com