Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8200 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8200
Description  High Common-Mode Voltage, Single-Supply Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8200 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8200_15 Datasheet HTML 4Page - Analog Devices AD8200_15 Datasheet HTML 5Page - Analog Devices AD8200_15 Datasheet HTML 6Page - Analog Devices AD8200_15 Datasheet HTML 7Page - Analog Devices AD8200_15 Datasheet HTML 8Page - Analog Devices AD8200_15 Datasheet HTML 9Page - Analog Devices AD8200_15 Datasheet HTML 10Page - Analog Devices AD8200_15 Datasheet HTML 11Page - Analog Devices AD8200_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. B
–8–
AD8200
HIGH-LINE CURRENT SENSING WITH LPF AND GAIN
ADJUSTMENT
Figure 11 is another refinement of Figure 1, including gain
adjustment and low-pass filtering.
5V
OUTPUT
4V/AMP
INDUCTIVE
LOAD
POWER
DEVICE
4 TERM
SHUNT
CLAMP
DIODE
BATTERY
14V
COMMON
C
VOS/IB
NULL
191k
20k
5% CALIBRATION RANGE
FC = 0.796Hz– F
(0.22 F FOR f = 3.6 Hz)
NC = NO CONNECT
GND
NC
–IN
+IN
A1
+VS
A2
OUT
AD8200
Figure 11. High-Line Current Sensor Interface; Gain =
×40,
Single-Pole, Low-Pass Filter
A power device that is either ON or OFF controls the current in
the load. The average current is proportional to the duty cycle of
the input pulse and is sensed by a small value resistor. The
average differential voltage across the shunt is typically 100 mV,
although its peak value will be higher by an amount that depends
on the inductance of the load and the control frequency. The
common-mode voltage, on the other hand, extends from roughly
1 V above ground, when the switch is ON, to about 1.5 V
above the battery voltage, when the device is OFF, and the
clamp diode conducts. If the maximum battery voltage spikes
up to 20 V, the common-mode voltage at the input can be as
high as 21.5 V.
To produce a full-scale output of 4 V, a gain
×40 is used, adjust-
able by
±5% to absorb the tolerance in the shunt. There is
sufficient headroom to allow 10% overrange (to 4.4 V). The
roughly triangular voltage across the sense resistor is averaged
by a 1-pole, low-pass filter, here set with a corner frequency =
3.6 Hz, which provides about 30 dB of attenuation at 100 Hz. A
higher rate of attenuation can be obtained using a 2-pole filter
having fC = 20 Hz, as shown in Figure 12. Although this circuit
uses two separate capacitors, the total capacitance is less than
half that needed for the 1-pole filter.
5V
OUTPUT
INDUCTIVE
LOAD
POWER
DEVICE
4 TERM
SHUNT
CLAMP
DIODE
BATTERY
14V
COMMON
C
127k
432k
50k
FC = 1Hz– F
(0.05 F FOR fC = 20Hz)
C
NC = NO CONNECT
GND
NC
–IN
+IN
A1
+VS
A2
OUT
AD8200
Figure 12. Illustration of 2-Pole Low-Pass Filtering
DRIVING CHARGE REDISTRIBUTION A/D
CONVERTERS
When driving CMOS ADCs, such as those embedded in
popular microcontrollers, the charge injection ( Q) can cause
a significant deflection in the output voltage of the AD8200.
Though generally of short duration, this deflection may persist
until after the sample period of the ADC has expired, due to the
relatively high open-loop output impedance of the AD8200.
Including an R-C network in the output can significantly reduce
the effect. The capacitor helps to absorb the transient charge,
effectively lowering the high frequency output impedance of the
AD8200. For these applications, the output signal should be
taken from the midpoint of the RLAG – CLAG combination as
shown in Figure 13.
Since the perturbations from the analog-to-digital converter are
small, the output impedance of the AD8200 will appear to be
low. The transient response will, therefore, have a time constant
governed by the product of the two LAG components, CLAG
×
RLAG. For the values shown in Figure 13, this time constant is
programmed at approximately 10
µs. Therefore, if samples are
taken at several tens of microseconds or more, there will be
negligible charge “stack-up.”
+IN
–IN
10k
10k
AD8200
5V
RLAG
1k
CLAG
0.01 F
MICROPROCESSOR
A/D
A2
Figure 13. Recommended Circuit for Driving CMOS A /D


Similar Part No. - AD8200_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8200CHIPS AD-AD8200CHIPS Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200R AD-AD8200R Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200YCHIPS AD-AD8200YCHIPS Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YCSURF AD-AD8200YCSURF Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YR AD-AD8200YR Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
More results

Similar Description - AD8200_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8202 AD-AD8202_15 Datasheet
301Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
Rev. H
AD8203 AD-AD8203_15 Datasheet
293Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202_05 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202 Datasheet
269Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. A
AD8200 AD-AD8200 Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200 AD-AD8200_03 Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8203 AD-AD8203 Datasheet
313Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com