Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8206 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8206
Description  High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8206 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8206_15 Datasheet HTML 5Page - Analog Devices AD8206_15 Datasheet HTML 6Page - Analog Devices AD8206_15 Datasheet HTML 7Page - Analog Devices AD8206_15 Datasheet HTML 8Page - Analog Devices AD8206_15 Datasheet HTML 9Page - Analog Devices AD8206_15 Datasheet HTML 10Page - Analog Devices AD8206_15 Datasheet HTML 11Page - Analog Devices AD8206_15 Datasheet HTML 12Page - Analog Devices AD8206_15 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
AD8206
EXTERNAL REFERENCED OUTPUT
Tying both pins together and to a reference produces an output
equal to the reference voltage when there is no differential input
(see Figure 19). The output moves down from the reference
voltage when the input is negative, relative to the −IN pin and
up when the input is positive, relative to the −IN pin.
AD8206
+IN
–IN
NC
NC = NO CONNECT
GND
V+
OUT
VREF1
VREF2
2.5V VOLTAGE
REFERENCE
Figure 19. External Referenced Output
SPLITTING THE SUPPLY
By tying one reference pin to V+ and the other to the ground
pin, the output is set at half of the supply when there is no
differential input (see Figure 20). The benefit is that no external
reference is required to offset the output for bidirectional current
measurement. This creates a midscale offset that is ratiometric to
the supply, which means that if the supply increases or decreases,
the output remains at half the supply. For example, if the supply is
5.0 V, the output is at half scale or 2.5 V. If the supply increases by
10% (to 5.5 V), the output goes to 2.75 V.
AD8206
+IN
–IN
NC
NC = NO CONNECT
GND
V+
OUT
VREF1
VREF2
Figure 20. Split Supply
SPLITTING AN EXTERNAL REFERENCE
In this case, an external reference is divided by 2 with an
accuracy of approximately 0.5% by connecting one VREF pin to
ground and the other VREF pin to the reference (see Figure 21).
AD8206
+IN
–IN
NC
NC = NO CONNECT
GND
V+
OUT
VREF1
VREF2
5V
VOLTAGE
REFERENCE
Figure 21. Split External Reference
Rev. C | Page 11 of 13


Similar Part No. - AD8206_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8206 AD-AD8206_12 Datasheet
466Kb / 16P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
More results

Similar Description - AD8206_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8206 AD-AD8206_12 Datasheet
466Kb / 16P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
logo
Texas Instruments
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
logo
Analog Devices
AD8210 AD-AD8210_15 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. A
AD8210YR-R7 AD-AD8210YR-R7 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
   High Voltage, Bidirectional Current Shunt Monitor
AD8210 AD-AD8210_06 Datasheet
354Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. 0
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com