Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8210 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8210
Description  High Voltage, Bidirectional Current Shunt Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8210 Datasheet(HTML) 3 Page - Analog Devices

  AD8210_15 Datasheet HTML 1Page - Analog Devices AD8210_15 Datasheet HTML 2Page - Analog Devices AD8210_15 Datasheet HTML 3Page - Analog Devices AD8210_15 Datasheet HTML 4Page - Analog Devices AD8210_15 Datasheet HTML 5Page - Analog Devices AD8210_15 Datasheet HTML 6Page - Analog Devices AD8210_15 Datasheet HTML 7Page - Analog Devices AD8210_15 Datasheet HTML 8Page - Analog Devices AD8210_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD8210
Rev. D | Page 3 of 16
SPECIFICATIONS
TA = operating temperature range, VS = 5 V, unless otherwise noted.
Table 1.
AD8210 SOIC1
Parameter
Min
Typ
Max
Unit
Conditions
GAIN
Initial
20
V/V
Accuracy
±0.5
%
25°C, VO ≥ 0.1 V dc
Accuracy Over Temperature
±0.7
%
TA
Gain Drift
20
ppm/°C
VOLTAGE OFFSET
Offset Voltage (RTI)
±1.0
mV
25°C
Over Temperature (RTI)
±1.8
mV
TA
Offset Drift
±8.0
µV/°C
INPUT
Input Impedance
Differential
2
kΩ
Common Mode
5
MΩ
V common mode > 5 V
1.5
kΩ
V common mode < 5 V
Common-Mode Input Voltage Range
−2
+65
V
Common mode, continuous
Differential Input Voltage Range
250
mV
Differential2
Common-Mode Rejection
100
120
dB
TA, f = dc, VCM > 5 V
80
95
dB
TA, f = dc to 100 kHz3, VCM < 5 V
80
dB
TA, f = 100 kHz3, VCM > 5 V
80
dB
TA, f = 40 kHz3, VCM > 5 V
OUTPUT
Output Voltage Range
0.05
4.9
V
RL = 25 kΩ
Output Impedance
2
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
450
kHz
Slew Rate
3
V/µs
NOISE
0.1 Hz to 10 Hz, RTI
7
µV p-p
Spectral Density, 1 kHz, RTI
70
nV/√Hz
OFFSET ADJUSTMENT
Ratiometric Accuracy4
0.499
0.501
V/V
Divider to supplies
Accuracy, RTO
±0.6
mV/V
Voltage applied to VREF1 and VREF2 in parallel
Output Offset Adjustment Range
0.05
4.9
V
VS = 5 V
VREF Input Voltage Range
0.0
VS
V
VREF Divider Resistor Values
24
32
40
kΩ
POWER SUPPLY, VS
Operating Range
4.5
5.0
5.5
V
Quiescent Current Over Temperature
2
mA
VCM > 5 V5
Power Supply Rejection Ratio
80
dB
TEMPERATURE RANGE
For Specified Performance
−40
+125
°C
1
TMIN to TMAX = −40°C to +125°C.
2
Differential input voltage range = ±125 mV with half-scale output offset.
3
Source imbalance < 2 Ω.
4
The offset adjustment is ratiometric to the power supply when VREF1 and VREF2 are used as a divider between the supplies.
5
When the input common mode is less than 5 V, the supply current increases. This can be calculated with the following formula: IS = −0.7 (VCM) + 4.2 (see Figure 21).


Similar Part No. - AD8210_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
   High Voltage, Bidirectional Current Shunt Monitor
More results

Similar Description - AD8210_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. A
AD8210YR-R7 AD-AD8210YR-R7 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
   High Voltage, Bidirectional Current Shunt Monitor
AD8210 AD-AD8210_06 Datasheet
354Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. 0
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170 Datasheet
209Kb / 10P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com