Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8251 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8251
Description  Programmable Gain Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8251 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8251_15 Datasheet HTML 6Page - Analog Devices AD8251_15 Datasheet HTML 7Page - Analog Devices AD8251_15 Datasheet HTML 8Page - Analog Devices AD8251_15 Datasheet HTML 9Page - Analog Devices AD8251_15 Datasheet HTML 10Page - Analog Devices AD8251_15 Datasheet HTML 11Page - Analog Devices AD8251_15 Datasheet HTML 12Page - Analog Devices AD8251_15 Datasheet HTML 13Page - Analog Devices AD8251_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8251
Rev. B | Page 10 of 24
20
–10
–60
140
TEMPERATURE (ºC)
15
10
5
0
–5
–40
–20
0
20
40
60
80
120
100
IB
IOS
IB+
Figure 18. Input Bias Current and Offset Current vs. Temperature
140
120
100
80
60
40
10
FREQUENCY (Hz)
100
1k
10k
100k
1M
G = 1
G = 2
G = 4
G = 8
Figure 19. CMRR vs. Frequency
120
100
140
80
60
40
10
1M
FREQUENCY (Hz)
100
1k
10k
100k
G = 1
G = 2
G = 4
G = 8
Figure 20. CMRR vs. Frequency, 1 kΩ Source Imbalance
–15
–50
130
TEMPERATURE (°C)
10
15
5
0
–5
–10
–30
–10
10
30
50
70
90
110
Figure 21. ΔCMRR vs. Temperature, G = 1
25
–10
1k
100M
FREQUENCY (Hz)
10k
100k
1M
10M
20
15
10
5
0
–5
VS = ±15V
VIN = 200mV p-p
RL = 2kΩ
G = 1
G = 2
G = 4
G = 8
Figure 22. Gain vs. Frequency
40
30
20
10
–10
–30
0
–20
–40
–10
–8
–6
–4
–2
02468
10
OUTPUT VOLTAGE (V)
Figure 23. Gain Nonlinearity vs. Output Voltage, G = 1, RL = 10 kΩ, 2 kΩ, 600 Ω


Similar Part No. - AD8251_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
More results

Similar Description - AD8251_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_15 Datasheet
465Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_17 Datasheet
497Kb / 16P
   Programmable Gain Instrumentation Amplifier
AD625 AD-AD625_16 Datasheet
561Kb / 16P
   Programmable Gain Instrumentation Amplifier
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
   Digitally-Programmable-Gain Instrumentation Amplifier
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com