Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8309 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8309
Description  5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8309 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8309_15 Datasheet HTML 4Page - Analog Devices AD8309_15 Datasheet HTML 5Page - Analog Devices AD8309_15 Datasheet HTML 6Page - Analog Devices AD8309_15 Datasheet HTML 7Page - Analog Devices AD8309_15 Datasheet HTML 8Page - Analog Devices AD8309_15 Datasheet HTML 9Page - Analog Devices AD8309_15 Datasheet HTML 10Page - Analog Devices AD8309_15 Datasheet HTML 11Page - Analog Devices AD8309_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. B
AD8309
–8–
As a consequence of this high gain, even very small amounts of
thermal noise at the input of a log amp will cause a finite output
for zero input, resulting in the response line curving away from
the ideal (Figure 19) at small inputs, toward a fixed baseline.
This can either be above or below the intercept, depending on
the design. Note that the value specified for this intercept is
invariably an extrapolated one: the RSSI output voltage will never
attain a value of exactly zero in a single supply implementation.
Voltage (dBV) and Power (dBm) Response
While Equation 1 is fundamentally correct, a simpler formula is
appropriate for specifying the RSSI calibration attributes of a
log amp like the AD8309, which demodulates an RF input. The
usual measure is input power:
VOUT = VSLOPE (PIN – P0 )
(3)
VOUT is the demodulated and filtered RSSI output, VSLOPE is the
logarithmic slope, expressed in volts/dB, PIN is the input power,
expressed in decibels relative to some reference power level and
P0 is the logarithmic intercept, expressed in decibels relative to
the same reference level.
The most widely used convention in RF systems is to specify
power in decibels above 1 mW in 50
Ω, written dBm. (However,
that the quantity [PIN – P0 ] is simply dB). The logarithmic
function disappears from this formula because the conversion
has already been implicitly performed in stating the input in
decibels.
Specification of log amp input level in terms of power is strictly
a concession to popular convention: they do not respond to
power (tacitly “power absorbed at the input”), but to the input
voltage. In this connection, note that the input impedance of the
AD8309 is much higher that 50
Ω, allowing the use of an im-
pedance transformer at the input to raise the sensitivity, by up
to 13 dB.
The use of dBV, defined as decibels with respect to a 1 V rms sine
amplitude, is more precise, although this is still not unambiguous
complete as a general metric, because waveform is also involved
in the response of a log amp, which, for a complex input (such
as a CDMA signal) will not follow the rms value exactly. Since
most users specify RF signals in terms of power—more specifi-
cally, in dBm/50
Ω—we use both dBV and dBm in specifying
the performance of the AD8309, showing equivalent dBm levels
for the special case of a 50
Ω environment.
Progressive Compression
High speed, high dynamic range log amps use a cascade of
nonlinear amplifier cells (Figure 20) to generate the logarithmic
function from a series of contiguous segments, a type of piece-
wise-linear technique. This basic topology offers enormous gain-
bandwidth products. For example, the AD8309 employs in its
main signal path six cells each having a small-signal gain of
12.04 dB (
×4) and a –3 dB bandwidth of 850 MHz, followed by
a final limiter stage whose gain is typically 18 dB. The overall
gain is thus 100,000 (100 dB) and the bandwidth to –10 dB
point at the limiter output is 525 MHz. This very high gain-
bandwidth product (52,500 GHz) is an essential prerequisite to
accurate operation under small signal conditions and at high
frequencies: Equation (2) reminds us that the incremental gain
decreases rapidly as VIN increases. The AD8309 exhibits a loga-
rithmic response over most of the range from the noise floor of
–91 dBV, or 28
µV rms, (or –78 dBm/50 Ω) to a breakdown-
limited peak input of 4 V (requiring a balanced drive at the
differential inputs INHI and INLO).
A
VX
STAGE 1
STAGE 2
STAGE N –1
STAGE N
VW
A
A
A
Figure 20. Cascade of Nonlinear Gain Cells
Theory of Logarithmic Amplifiers
To develop the theory, we will first consider a somewhat differ-
ent scheme to that employed in the AD8309, but which is sim-
pler to explain, and mathematically more straightforward to
analyze. This approach is based on a nonlinear amplifier unit,
which we may call an A/1 cell, having the transfer characteristic
shown in Figure 21. We here use lowercase variables to define
the local inputs and outputs of these cells, reserving uppercase
for external signals.
The small signal gain
∆V
OUT/
∆V
IN is A, and is maintained for
inputs up to the knee voltage EK, above which the incremental
gain drops to unity. The function is symmetrical: the same drop
in gain occurs for instantaneous values of VIN less than –EK.
The large signal gain has a value of A for inputs in the range
–EK < VIN < +EK, but falls asymptotically toward unity for very
large inputs.
In logarithmic amplifiers based on this simple function, both the
slope voltage and the intercept voltage must be traceable to the
one reference voltage, EK. Therefore, in this fundamental analy-
sis, the calibration accuracy of the log amp is dependent solely on
this voltage. In practice, it is possible to separate the basic refer-
ences used to determine VY and VX. In the AD8309, VY is trace-
able to an on-chip band-gap reference, while VX is derived from
the thermal voltage kT/q and later temperature-corrected by a
precise means.
Let the input of an N-cell cascade be VIN, and the final output
VOUT. For small signals, the overall gain is simply A
N. A six-
stage system in which A = 5 (14 dB) has an overall gain of
15,625 (84 dB). The importance of a very high small-signal ac
gain in implementing the logarithmic function has already been
noted. However, this is a parameter of only incidental interest in
the design of log amps; greater emphasis needs to be placed on
the nonlinear behavior.
SLOPE = A
SLOPE = 1
AEK
0
EK
INPUT
A/1
Figure 21. The A/1 Amplifier Function
Thus, rather than considering gain, we will analyze the overall
nonlinear behavior of the cascade in response to a simple dc
input, corresponding to the VIN of Equation (1). For very small
inputs, the output from the first cell is V1 = AVIN; from the
second, V2 = A
2 V
IN, and so on, up to VN = A
N V
IN. At a certain
value of VIN, the input to the Nth cell, VN–1, is exactly equal to
the knee voltage EK. Thus, VOUT = AEK and since there are N–1
cells of gain A ahead of this node, we can calculate that VIN =
EK /A
N–1. This unique point corresponds to the lin-log transition,


Similar Part No. - AD8309_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8309-EVAL AD-AD8309-EVAL Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309-EVAL AD-AD8309-EVAL Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309ARU AD-AD8309ARU Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309ARU AD-AD8309ARU Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309ARU-REEL AD-AD8309ARU-REEL Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
More results

Similar Description - AD8309_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606 Datasheet
448Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606_15 Datasheet
452Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8306 AD-AD8306_15 Datasheet
401Kb / 16P
   5 MHz??00 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_16 Datasheet
320Kb / 17P
   250 MHz Demodulating Logarithmic Amplifier
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com