Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8320 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8320
Description  Serial Digital Controlled Variable Gain Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8320 Datasheet(HTML) 5 Page - Analog Devices

  AD8320_15 Datasheet HTML 1Page - Analog Devices AD8320_15 Datasheet HTML 2Page - Analog Devices AD8320_15 Datasheet HTML 3Page - Analog Devices AD8320_15 Datasheet HTML 4Page - Analog Devices AD8320_15 Datasheet HTML 5Page - Analog Devices AD8320_15 Datasheet HTML 6Page - Analog Devices AD8320_15 Datasheet HTML 7Page - Analog Devices AD8320_15 Datasheet HTML 8Page - Analog Devices AD8320_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Typical Performance Characteristics–AD8320
–5–
REV. 0
GAIN CONTROL – Decimal
0
0.3
0.1
0.2
0
0.1
0.2
0.3
VCC = 12V
F = 10MHz
T = +85 C
T = +25 C
T =
40 C
64
128
192
256
Figure 4. Gain Error vs. Gain Control
at Various Temperatures
FREQUENCY – Hz
30
20
100k
1G
1M
10M
100M
10
0
10
VCC = 5V
20
01D
00D
85D
170D
255D
Figure 7. AC Response
GAIN CONTROL – Decimal
80
064
128
192
256
75
70
65
60
55
50
45
40
+85 C
40 C
+25 C
F = 10MHz
VCC = 12V
Figure 10. Output Referred Noise vs.
Gain Control at Various Temperatures
GAIN CONTROL – Decimal
0.45
0
0
0.30
0.15
0.45
64
128
192
256
0.15
F = 10MHz
T = +25 C
VCC = 5V
VCC = 12V
0.30
Figure 6. Gain Error vs. Gain Control
at Different Supply Voltages
FREQUENCY – Hz
20
100k
1G
1M
10M
100M
90
VCC = 12V, PIN = 8dBm
VCC = 5V, PIN = 14dBm
MAX GAIN
PD = 0V
30
40
50
60
70
80
100
Figure 9. Input Signal Feedthrough
vs. Frequency
FREQUENCY – Hz
30
100k
1M
10M
100M
40
MAX GAIN, VCC = 5V
50
MAX GAIN, VCC = 12V
MIN GAIN, VCC = 12V
MIN GAIN, VCC = 5V
60
70
80
90
Figure 12. Output Referred Noise vs.
Frequency
GAIN CONTROL – Decimal
0.6
0.3
0
0.9
0.6
1.2
64
128
192
256
10MHz
42MHz
65MHz
0
0.3
VCC = 12V
T = +25 C
Figure 5. Gain Error vs. Gain Control
at Various Frequencies
FREQUENCY – Hz
30
20
100k
1G
1M
10M
100M
10
0
10
VCC = 12V
20
01D
00D
85D
170D
255D
Figure 8. AC Response
GAIN CONTROL – Decimal
80
064
128
192
256
F = 10MHz
75
70
65
60
55
50
45
40
VCC = 5V
VCC = 12V
Figure 11. Output Referred Noise vs.
Gain Control at Different Supply
Voltages


Similar Part No. - AD8320_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8320-EB AD-AD8320-EB Datasheet
583Kb / 20P
   Serial Digital Controlled Variable Gain Line Driver
REV. 0
AD8320ARP AD-AD8320ARP Datasheet
583Kb / 20P
   Serial Digital Controlled Variable Gain Line Driver
REV. 0
More results

Similar Description - AD8320_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8320 AD-AD8320 Datasheet
583Kb / 20P
   Serial Digital Controlled Variable Gain Line Driver
REV. 0
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33 MINI-DVGA2-33 Datasheet
602Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com