Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1060 Datasheet(PDF) 6 Page - NEC

Part # UPC1060
Description  2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1060 Datasheet(HTML) 6 Page - NEC

  UPC1060 Datasheet HTML 1Page - NEC UPC1060 Datasheet HTML 2Page - NEC UPC1060 Datasheet HTML 3Page - NEC UPC1060 Datasheet HTML 4Page - NEC UPC1060 Datasheet HTML 5Page - NEC UPC1060 Datasheet HTML 6Page - NEC UPC1060 Datasheet HTML 7Page - NEC UPC1060 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet G14607EJ4V0DS00
6
µµµµ PC1060
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below.
If other soldering processes are used, or if the soldering is performed under different conditions, please make sure to
consult with our sales offices.
For more details, refer to our document “Semiconductor Device Mounting Technology Manual” (C10535E).
Type of Through-hole Device
µµµµ PC1060C : 8-pin plastic DIP (7.62 mm (300))
Process
Conditions
Wave soldering (only to leads)
Solder temperature: 260
°C or below, Flow time: 10 seconds or less.
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure
that the package body does not get jet soldered.
REFERENCE DOCUMENTS
Semiconductor Device Mounting Technology Manual
C10535E
Semiconductor Selection Guide -Products and Packages-
X13769X


Similar Part No. - UPC1060

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1060 RENESAS-UPC1060 Datasheet
217Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC1060C RENESAS-UPC1060C Datasheet
217Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC1060

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com