Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8339 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8339
Description  DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8339 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8339_15 Datasheet HTML 3Page - Analog Devices AD8339_15 Datasheet HTML 4Page - Analog Devices AD8339_15 Datasheet HTML 5Page - Analog Devices AD8339_15 Datasheet HTML 6Page - Analog Devices AD8339_15 Datasheet HTML 7Page - Analog Devices AD8339_15 Datasheet HTML 8Page - Analog Devices AD8339_15 Datasheet HTML 9Page - Analog Devices AD8339_15 Datasheet HTML 10Page - Analog Devices AD8339_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD8339
Rev. B | Page 7 of 36
EQUIVALENT INPUT CIRCUITS
VPOS
SCLK
CSB
SDI
RSET
COMM
LOGIC
INTERFACE
Figure 3. SCLK, CSB, SDI, and RSET Logic Inputs
VPOS
RSTS
COMM
LOGIC
INTERFACE
Figure 4. RSTS Logic Input
4LOP
4LON
VPOS
COMM
Figure 5. Local Oscillator Inputs
LODC
VPOS
COMM
Figure 6. LO Decoupling Pin
RFxP
RFxN
VPOS
COMM
Figure 7. RF Inputs
IxOP
QxOP
VNEG
COMM
Figure 8. Output Drivers


Similar Part No. - AD8339_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8339 AD-AD8339 Datasheet
237Kb / 15P
   Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
More results

Similar Description - AD8339_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8333 AD-AD8333 Datasheet
769Kb / 28P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
REV. A
AD8339 AD-AD8339 Datasheet
237Kb / 15P
   Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Tyco Electronics
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
   I/Q Modulator/Demodulator 1800-2000 MHz
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
EKIN2-70D MACOM-EKIN2-70D_1 Datasheet
62Kb / 2P
   E-Series I/Q Demodulator 70 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com