Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCU20A20 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # TCU20A20
Description  FRED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

TCU20A20 Datasheet(HTML) 1 Page - National Instruments Corporation

  TCU20A20_15 Datasheet HTML 1Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20A Avg.
Volts
FRED
■OUTLINE DRAWING(mm)
187
200
TCU20A20
■最大定格 Maximum Ratings
■定格・特性曲線
■APPROX. NET WEIGHT:1.4g
Tj=150°C
Tj=25°C
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
TCU20A20-11A (per Arm)
0
0.4
0.8
1.2
1.6
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
1
2
5
10
20
50
100
(A)
FIG.1
SURGE CURRENT RATINGS
サ ー ジ 順 電 流 定 格
TCU20A20-11A
f=50Hz,Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
時 間 (s)
20
40
60
80
100
120
140
(A)
0.02s
0.02s
I FSM
0
FIG.4
RECT 180°
SINE WAVE
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
02
4
6
8
10
12
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
0
5
10
15
20
25
30
(W)
TCU20A20-11A
0
°
180
°
通流角
CONDUCTION ANGLE
θ
FIG.2
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
平 均 順 電 流 − ケ ー ス 温 度 定 格
TCU20A20-11A
025
5075
100
125
150
CASE TEMPERATURE (°C)
ケ ー ス 温 度 (℃)
0
4
2
6
8
10
12
(A)
0
°
180
°
通流角
CONDUCTION ANGLE
θ
RECT 180°
SINE WAVE
FIG.3
■電気的・熱的特性 Electrical/ Thermal Characteristics
Item
Symbol
Conditions
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
200
平均整流電流
Average Rectified Forward Current
I O
Tc=101℃
20
実効順電流
R.M.S. Forward Current
I F(RMS)
22.2
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
サージ順電流
Surge Forward Current
I FSM
120
50Hz正弦全波,1サイクル,非くり返し
50Hz Full Sine Wave,1cycle, Non-repetitive
Unit
V
50Hz、正弦全波通電抵抗負荷
50Hz Full Sine Wave Resistive Load
A
A
A
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
Item
Conditions
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM,
一素子あたり 
Per Diode
逆回復時間
Reverse Recovery Time
IFM=10A, -di/dt=50 A/μs, Tj=25℃
熱抵抗
Thermal Resistance
接合部・ケース間
Junction to Case
Typ.
Max.
Unit
25
μA
22
32
ns
2
℃/W
R th(j-c)
Symbol
I RM
trr
ピーク順電圧
Peak Forward Voltage
V FM
Tj=25℃, IFM=10A,
一素子あたり 
Per Diode
0.94
1.13
V


Similar Part No. - TCU20A20_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
TCU20A20-11A NIEC-TCU20A20-11A Datasheet
140Kb / 1P
   FRED
logo
Kyocera Kinseki Corpota...
TCU20A20-11A KSS-TCU20A20-11A Datasheet
629Kb / 6P
   Fast Recovery Diode
logo
National Instruments Co...
TCU20A20-11A NI-TCU20A20-11A_15 Datasheet
140Kb / 1P
   FRD
More results

Similar Description - TCU20A20_15

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DRA60_2015 NI-10DRA60_2015 Datasheet
110Kb / 1P
   FRED
10ERA60_2015 NI-10ERA60_2015 Datasheet
95Kb / 1P
   FRED
10ERB20_2015 NI-10ERB20_2015 Datasheet
107Kb / 1P
   FRED
10ERB40_2015 NI-10ERB40_2015 Datasheet
108Kb / 1P
   FRED
11EFS2_2015 NI-11EFS2_2015 Datasheet
89Kb / 1P
   FRED
20NFB60_2015 NI-20NFB60_2015 Datasheet
328Kb / 1P
   FRED
30PFB60_2015 NI-30PFB60_2015 Datasheet
250Kb / 1P
   FRED
30PRA20_2015 NI-30PRA20_2015 Datasheet
263Kb / 1P
   FRED
31DF2_2015 NI-31DF2_2015 Datasheet
91Kb / 1P
   FRED
31DF4_2015 NI-31DF4_2015 Datasheet
479Kb / 1P
   FRED
C16T20F-11A_2015 NI-C16T20F-11A_2015 Datasheet
135Kb / 1P
   FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com