Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8375 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8375
Description  Ultralow Distortion IF VGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8375_15 Datasheet HTML 7Page - Analog Devices AD8375_15 Datasheet HTML 8Page - Analog Devices AD8375_15 Datasheet HTML 9Page - Analog Devices AD8375_15 Datasheet HTML 10Page - Analog Devices AD8375_15 Datasheet HTML 11Page - Analog Devices AD8375_15 Datasheet HTML 12Page - Analog Devices AD8375_15 Datasheet HTML 13Page - Analog Devices AD8375_15 Datasheet HTML 14Page - Analog Devices AD8375_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD8375
Rev. A | Page 11 of 24
0
–20
–40
–60
–80
–100
–120
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
Figure 28. Reverse Isolation vs. Frequency
0
–20
–40
–60
–80
–100
–120
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
Figure 29. Off-State Isolation vs. Frequency
1.00E–09
9.00E–10
8.00E–10
7.00E–10
6.00E–10
5.00E–10
4.00E–10
3.00E–10
2.00E–10
1.00E–10
0.00E+00
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
+20dB
+10dB
0dB
–4dB
Figure 30. Group Delay vs. Frequency at Gain
80
70
60
50
40
30
20
10
0
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
Figure 31. Common-Mode Rejection Ratio vs. Frequency


Similar Part No. - AD8375_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8375 AD-AD8375_1 Datasheet
792Kb / 24P
   Ultralow Distortion IF VGA
REV. 0
AD8375 AD-AD8375_17 Datasheet
735Kb / 24P
   Ultralow Distortion IF VGA
More results

Similar Description - AD8375_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8375 AD-AD8375_1 Datasheet
792Kb / 24P
   Ultralow Distortion IF VGA
REV. 0
AD8375 AD-AD8375_17 Datasheet
735Kb / 24P
   Ultralow Distortion IF VGA
AD8376 AD-AD8376_1 Datasheet
935Kb / 24P
   Ultralow Distortion IF Dual VGA
REV. A
AD8376 AD-AD8376_13 Datasheet
1Mb / 24P
   Ultralow Distortion IF Dual VGA
AD8376 AD-AD8376 Datasheet
620Kb / 12P
   Ultra Low Distortion IF Dual VGA
Rev. PrD March 13, 2007
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com