Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSS130D3 Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSS130D3
Description  11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSS130D3 Datasheet(HTML) 1 Page - Intersil Corporation

  FSS130D3 Datasheet HTML 1Page - Intersil Corporation FSS130D3 Datasheet HTML 2Page - Intersil Corporation FSS130D3 Datasheet HTML 3Page - Intersil Corporation FSS130D3 Datasheet HTML 4Page - Intersil Corporation FSS130D3 Datasheet HTML 5Page - Intersil Corporation FSS130D3 Datasheet HTML 6Page - Intersil Corporation FSS130D3 Datasheet HTML 7Page - Intersil Corporation FSS130D3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3-71
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
June 1998
FSS130D, FSS130R
11A, 100V, 0.210 Ohm, Rad Hard,
SEGR Resistant, N-Channel Power MOSFETs
Features
• 11A, 100V, rDS(ON) = 0.210Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 1.5nA Per-RAD(Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 3E13 Neutrons/cm2
- Usable to 3E14 Neutrons/cm2
Formerly available as type TA17636.
Description
The Discrete Products Operation of Intersil has developed a
series
of
Radiation
Hardened
MOSFETs
specifically
designed for commercial and military space applications.
Enhanced Power MOSFET immunity to Single Event Effects
(SEE), Single Event Gate Rupture (SEGR) in particular, is
combined with 100K RADS of total dose hardness to provide
devices which are ideally suited to harsh space environ-
ments. The dose rate and neutron tolerance necessary for
military applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened
MOSFETs includes N-Channel and P-Channel devices in a
variety of voltage, current and on-resistance ratings.
Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power
field-effect transistor of the vertical DMOS (VDMOS) struc-
ture. It is specially designed and processed to be radiation
tolerant. The MOSFET is well suited for applications
exposed to radiation environments such as switching regula-
tion, switching converters, motor drives, relay drivers and
drivers for high-power bipolar switching transistors requiring
high speed and low gate drive power. This type can be
operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV
equivalent
of
MIL-S-19500,
or
Space
equivalent
of
MIL-S-19500. Contact Intersil for any desired deviations
from the data sheet.
Symbol
Package
TO-257AA
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Commercial
FSS130D1
10K
TXV
FSS130D3
100K
Commercial
FSS130R1
100K
TXV
FSS130R3
100K
Space
FSS130R4
D
G
S
CAUTION: Beryllia Warning per MIL-S-19500
refer to package specifications.
G
D
S
File Number
4059.2


Similar Part No. - FSS130D3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSS13 ETC-FSS13 Datasheet
43Kb / 2P
   1 Amp. Surface Mounted Schottky Barrier Rectifier
logo
Sanyo Semicon Device
FSS131 SANYO-FSS131 Datasheet
28Kb / 4P
   Load Switching Applications
FSS132 SANYO-FSS132 Datasheet
41Kb / 4P
   Load Switching Applications
FSS133 SANYO-FSS133 Datasheet
28Kb / 4P
   Load Switching Applications
FSS134 SANYO-FSS134 Datasheet
42Kb / 4P
   DC/DC Converter Applications
More results

Similar Description - FSS130D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7399 INTERSIL-JANSR2N7399 Datasheet
44Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, N-Channel Power MOSFET
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ160D INTERSIL-FSJ160D Datasheet
60Kb / 9P
   70A, 100V, 0.022 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL110D INTERSIL-FSL110D Datasheet
58Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
October 1998
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
   9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
FSS13A0D INTERSIL-FSS13A0D Datasheet
71Kb / 8P
   2A, 100V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 2000
FSF150D INTERSIL-FSF150D Datasheet
45Kb / 8P
   25A, 100V, 0.070 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
   6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL913A0D INTERSIL-FSL913A0D Datasheet
57Kb / 8P
   7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com