Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8392 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8392
Description  Low Power, High Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8392_15 Datasheet HTML 3Page - Analog Devices AD8392_15 Datasheet HTML 4Page - Analog Devices AD8392_15 Datasheet HTML 5Page - Analog Devices AD8392_15 Datasheet HTML 6Page - Analog Devices AD8392_15 Datasheet HTML 7Page - Analog Devices AD8392_15 Datasheet HTML 8Page - Analog Devices AD8392_15 Datasheet HTML 9Page - Analog Devices AD8392_15 Datasheet HTML 10Page - Analog Devices AD8392_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8392
Rev. A | Page 7 of 16
PD (0, 1)
PD (0, 0)
PD (1, 0)
–20
–15
–10
–5
5
10
15
0.1
1
10
100
1000
FREQUENCY (MHz)
0
Figure 10. Small Signal Frequency Response
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 100 mV p-p
–20
–15
–10
–5
0
5
10
15
0.1
1
10
100
1000
FREQUENCY (MHz)
100
75
50
25
1
4.7
10
Figure 11. Small Signal Frequency Response vs. Load
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, G = +5, VOUT = 100 mV p-p
PD (0, 1)
PD (0, 0)
–20
–15
–10
–5
5
10
15
0.1
1
10
100
1000
FREQUENCY (MHz)
0
PD (1, 0)
Figure 12. Large Signal Frequency Response
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 4 V p-p
PD (0, 1)
PD (0, 0)
PD (1, 0)
–20
–15
–10
–5
5
10
15
0.1
1
10
100
1000
FREQUENCY (MHz)
0
Figure 13. Small Signal Frequency Response
Quad Op Amp Circuit (Figure 29)
VS = ±5 V, RLOAD = 100 Ω, G = +5, VOUT = 100 mV p-p
FREQUENCY (MHz)
0.1
1
1000
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
Figure 14. Signal Feedthrough vs. Frequency
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, G = +5, VIN = 800 mV p-p, PD (1, 1)
PD (0, 1)
PD (0, 0)
–20
–15
–10
–5
5
10
15
0.1
1
10
100
1000
FREQUENCY (MHz)
0
PD (1, 0)
Figure 15. Large Signal Frequency Response
Quad Op Amp Circuit (Figure 29)
VS = ±5 V, RLOAD = 100 Ω, G = +5, VOUT = 4 V p-p


Similar Part No. - AD8392_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8392A AD-AD8392A Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R2 AD-AD8392AACPZ-R2 Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R2 AD-AD8392AACPZ-R2 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
AD8392AACPZ-R7 AD-AD8392AACPZ-R7 Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R7 AD-AD8392AACPZ-R7 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
More results

Similar Description - AD8392_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8392A AD-AD8392A_15 Datasheet
553Kb / 12P
   Low Power, High Output Current
REV. 0
AD8394 AD-AD8394_15 Datasheet
67Kb / 2P
   Low Power, High Output Current
Rev. Sp0
AD8396 AD-AD8396_15 Datasheet
845Kb / 12P
   Low Power, High Output Current
REV. C
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com