Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSYC055D Datasheet(PDF) 5 Page - Intersil Corporation

Part # FSYC055D
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYC055D Datasheet(HTML) 5 Page - Intersil Corporation

  FSYC055D Datasheet HTML 1Page - Intersil Corporation FSYC055D Datasheet HTML 2Page - Intersil Corporation FSYC055D Datasheet HTML 3Page - Intersil Corporation FSYC055D Datasheet HTML 4Page - Intersil Corporation FSYC055D Datasheet HTML 5Page - Intersil Corporation FSYC055D Datasheet HTML 6Page - Intersil Corporation FSYC055D Datasheet HTML 7Page - Intersil Corporation FSYC055D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FIGURE 8. UNCLAMPED INDUCTIVE SWITCHING
Test Circuits and Waveforms
FIGURE 9. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 10. UNCLAMPED ENERGY WAVEFORMS
FIGURE 11. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves (Continued)
100
10
0.01
0.1
1
tAV, TIME IN AVALANCHE (ms)
10
500
STARTING TJ = 25
oC
STARTING TJ = 150
oC
IF R = 0
tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD)
IF R
≠ 0
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
50
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
VDD
VDS
BVDSS
IAS
tAV
tP
VDS
DUT
RGS
0V
VGS = 12V
VDD
RL
tD(ON)
tR
90%
10%
VDS
90%
10%
tF
tD(OFF)
tOFF
90%
50%
50%
10%
VGS
tON
PULSE WIDTH
FSYC055D, FSYC055R


Similar Part No. - FSYC055D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSYC160D INTERSIL-FSYC160D Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160D1 INTERSIL-FSYC160D1 Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160D3 INTERSIL-FSYC160D3 Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160R INTERSIL-FSYC160R Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160R1 INTERSIL-FSYC160R1 Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
More results

Similar Description - FSYC055D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYE23A0D INTERSIL-FSYE23A0D Datasheet
57Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
FSYA254D INTERSIL-FSYA254D Datasheet
55Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSPYE230R INTERSIL-FSPYE230R Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSPL230R INTERSIL-FSPL230R Datasheet
81Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 2000
FSPYC260R INTERSIL-FSPYC260R Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSYC163D INTERSIL-FSYC163D Datasheet
61Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com