Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1048-X7-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1048-X7-HF
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1048-X7-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1048-X7-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1048-X7-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1048-X7-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Typical Characterisitics
100
10
2 3
5
1.0
2 3
5
1000
2 3
5
2 3
5
10
2
3
5
1.0
2
3
5
7
5
7
1.0
2
3
5
7
10
2
3
5
0
100
200
300
400
500
600
700
800
0
0.1
0.2
0.3
0.4
0.5
IB=0
1mA
2mA
4mA
6mA
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
Base-to-Emitter Voltage, VBE -- V
IB -- VBE
10
100
2
3
5
7
1000
2
3
5
7
10
1.0
2
3
5
7
100
2
3
5
7
10
100
2
3
5
7
1000
2
3
5
7
(For PNP, minus sign is omitted.)
VCE=5V
VCE=10V
VCE=2V
f=1MHz
(For PNP, minus sign is omitted.)
(For PNP, minus sign is omitted.)
(For PNP, minus sign is omitted.)
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
fT -- IC
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- mA
hFE -- IC
100
10
2 3
5
1.0
2 3
5
1000
2 3
5
1000
2
3
5
100
10000
2
3
5
2
3
5
10
5
IC / IB=10
(For PNP, minus sign is omitted.)
Collector Current, IC -- mA
VCE(sat) -- IC
NPN Transistors
2SD1048-HF


Similar Part No. - 2SD1048-X7-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD1048-X7 KEXIN-2SD1048-X7 Datasheet
736Kb / 3P
   NPN Transistors
More results

Similar Description - 2SD1048-X7-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com