Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1366 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1366
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1366 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1366_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1366_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1366_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
2SD1366
Typical Characterisitics
5
50
100
20
10
200
2
1
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
5
10
20
50
f = 1 MHz
IE =0


Similar Part No. - 2SD1366_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD1366-A-HF KEXIN-2SD1366-A-HF Datasheet
902Kb / 3P
   NPN Transistors
2SD1366-B-HF KEXIN-2SD1366-B-HF Datasheet
902Kb / 3P
   NPN Transistors
2SD1366-HF KEXIN-2SD1366-HF_15 Datasheet
902Kb / 3P
   NPN Transistors
logo
Hitachi Semiconductor
2SD1366A HITACHI-2SD1366A Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SD1366A RENESAS-2SD1366A Datasheet
145Kb / 7P
   Silicon NPN Epitaxial
More results

Similar Description - 2SD1366_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com