Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8601 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8601
Description  Precision CMOS, Single-Supply, Rail-to-Rail
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8601_15 Datasheet HTML 3Page - Analog Devices AD8601_15 Datasheet HTML 4Page - Analog Devices AD8601_15 Datasheet HTML 5Page - Analog Devices AD8601_15 Datasheet HTML 6Page - Analog Devices AD8601_15 Datasheet HTML 7Page - Analog Devices AD8601_15 Datasheet HTML 8Page - Analog Devices AD8601_15 Datasheet HTML 9Page - Analog Devices AD8601_15 Datasheet HTML 10Page - Analog Devices AD8601_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 7 of 24
300
250
200
150
100
50
0
–40
25
105
203550658095
110
125
TEMPERATURE (°C)
VS = 3V
Figure 11. Input Bias Current vs. Temperature
300
250
200
150
100
50
0
–40
25
105
203550658095
110
125
TEMPERATURE (°C)
VS = 5V
Figure 12. Input Bias Current vs. Temperature
5
4
3
2
1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
COMMON-MODE VOLTAGE (V)
VS = 5V
TA = 25°C
Figure 13. Input Bias Current vs. Common-Mode Voltage
30
25
20
15
10
5
0
–40
25
105
203550658095
110
125
TEMPERATURE (°C)
VS = 3V
Figure 14. Input Offset Current vs. Temperature
30
25
20
15
10
5
0
–40
25
105
203550658095
110
125
TEMPERATURE (°C)
VS = 5V
Figure 15. Input Offset Current vs. Temperature
10k
1k
100
10
1
0.1
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VS = 2.7V
TA = 25°C
SOURCE
SINK
Figure 16. Output Voltage to Supply Rail vs. Load Current


Similar Part No. - AD8601_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results

Similar Description - AD8601_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8602 AD-AD8602_15 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
AD8604 AD-AD8604_15 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
AD8601 AD-AD8601 Datasheet
255Kb / 16P
   Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. 0
AD8602AR-REEL7 AD-AD8602AR-REEL7 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_03 Datasheet
290Kb / 20P
   Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
MAX4198-MAX4199 MAXIM-MAX4198-MAX4199 Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com