Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8609ARUZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8609ARUZ1
Description  Precision Micropower, Low Noise CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8609ARUZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8609ARUZ1 Datasheet HTML 2Page - Analog Devices AD8609ARUZ1 Datasheet HTML 3Page - Analog Devices AD8609ARUZ1 Datasheet HTML 4Page - Analog Devices AD8609ARUZ1 Datasheet HTML 5Page - Analog Devices AD8609ARUZ1 Datasheet HTML 6Page - Analog Devices AD8609ARUZ1 Datasheet HTML 7Page - Analog Devices AD8609ARUZ1 Datasheet HTML 8Page - Analog Devices AD8609ARUZ1 Datasheet HTML 9Page - Analog Devices AD8609ARUZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8603/AD8607/AD8609
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VOS (µV)
–210
0
400
800
1200
0150
200
600
1000
–150
–30
30
90
210
270
–90
1600
1400
–270
1800
2000
2200
2400
2600
VS = 5V
TA = 25°C
VCM = 0V TO 5V
Figure 6. Input Offset Voltage Distribution
TCVOS (µV/°C)
0
0
10
20
30
1.6
3.2
5
15
25
0.4 0.8 1.2
2.0 2.4 2.8
3.6 4.0 4.4 4.8 5.2
VS = ±2.5V
TA = –40°C TO +125°C
VCM = 0V
Figure 7. Input Offset Voltage Drift Distribution
VCM (V)
0
–300
–100
100
300
1.5
3.5
5.0
1.0
0.5
2.5
4.5
4.0
3.0
2.0
–200
–150
–250
–50
0
50
150
200
250
VS = 5V
TA = 25°C
Figure 8. Input Offset Voltage vs. Common-Mode Voltage
VCM(V)
0
–300
–100
100
300
0.9
2.1
3.0
0.6
0.3
1.5
2.7
2.4
1.8
1.2
–200
–150
–250
–50
0
50
150
200
250
3.3
VS = 3.3V
TA = 25°C
VCM (V)
Figure 9. Input Offset Voltage vs. Common-Mode Voltage
TEMPERATURE (°C)
0
0
150
300
400
50
100
125
25
75
100
50
350
250
200
VS = ±2.5V
Figure 10. Input Bias Current vs. Temperature
LOAD CURRENT (mA)
0.001
0.01
0.1
10
100
0.01
0.1
1
10
1000
1
VS = 5V
TA = 25°C
SOURCE
SINK
Figure 11. Output Voltage to Supply Rail vs. Load Current


Similar Part No. - AD8609ARUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8609ARUZ1 AD-AD8609ARUZ1 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Similar Description - AD8609ARUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8607 AD-AD8607_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
AD8609 AD-AD8609_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
AD8655 AD-AD8655_13 Datasheet
357Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. D
AD8655 AD-AD8655 Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com