Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2-2620-2 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA2-2620-2
Description  100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-2620-2 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HA2-2620-2 Datasheet HTML 2Page - Intersil Corporation HA2-2620-2 Datasheet HTML 3Page - Intersil Corporation HA2-2620-2 Datasheet HTML 4Page - Intersil Corporation HA2-2620-2 Datasheet HTML 5Page - Intersil Corporation HA2-2620-2 Datasheet HTML 6Page - Intersil Corporation HA2-2620-2 Datasheet HTML 7Page - Intersil Corporation HA2-2620-2 Datasheet HTML 8Page - Intersil Corporation HA2-2620-2 Datasheet HTML 9Page - Intersil Corporation HA2-2620-2 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FIGURE 8. OUTPUT VOLTAGE SWING vs FREQUENCY
NOTE: External Compensation is required for closed loop gain < 5.
If external compensation is used, also connect 100pF capacitor from
output to ground.
FIGURE 9. OPEN LOOP FREQUENCY RESPONSE FOR
VARIOUS VALUES OF CAPACITORS FROM
COMP. PIN TO GND
FIGURE 10. COMMON MODE VOLTAGE RANGE vs SUPPLY
VOLTAGE
FIGURE 11. OPEN LOOP VOLTAGE GAIN vs TEMPERATURE
FIGURE 12. NOISE DENSITY vs FREQUENCY
Typical Performance Curves VS = ±15V, TA = 25oC, Unless Otherwise Specified (Continued)
20V
10V
1V
0.1V
10kHz
FREQUENCY
0.01V
100kHz
1MHz
10MHz
100MHz
±20V SUPPLY
±15V SUPPLY
±10V SUPPLY
FREQUENCY
120
0
100Hz
10kHz
1MHz
10MHz
100
80
60
40
20
-20
10Hz
100kHz
1kHz
115pF
300pF
1000pF
0pF
35pF
10pF
50pF
20
15
10
5
510
15
20
SUPPLY VOLTAGE (
±V)
-55oC TO 125oC
TEMPERATURE (oC)
120
100
80
-55
-35
-15
5
25
45
65
85
105
125
±20V SUPPLY
±15V SUPPLY
±10V SUPPLY
±5V SUPPLY
1000
100
10
1
1
10
100
1K
10K
100K
0.01
0.1
1.0
10
FREQUENCY (Hz)
INPUT NOISE CURRENT
INPUT NOISE VOLTAGE
HA-2620, HA-2625


Similar Part No. - HA2-2620-2

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA2-2620-2 HARRIS-HA2-2620-2 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA2-2620-2 INTERSIL-HA2-2620-2 Datasheet
317Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
logo
Renesas Technology Corp
HA2-2620-2 RENESAS-HA2-2620-2 Datasheet
273Kb / 12P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
More results

Similar Description - HA2-2620-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620_06 Datasheet
317Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
logo
Renesas Technology Corp
HA-2620 RENESAS-HA-2620 Datasheet
273Kb / 12P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
logo
Intersil Corporation
HS-2620RH INTERSIL-HS-2620RH Datasheet
78Kb / 5P
   Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
logo
Harris Corporation
HA-2622 HARRIS-HA-2622 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com