Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2-2625-5 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HA2-2625-5
Description  100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-2625-5 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HA2-2625-5 Datasheet HTML 2Page - Intersil Corporation HA2-2625-5 Datasheet HTML 3Page - Intersil Corporation HA2-2625-5 Datasheet HTML 4Page - Intersil Corporation HA2-2625-5 Datasheet HTML 5Page - Intersil Corporation HA2-2625-5 Datasheet HTML 6Page - Intersil Corporation HA2-2625-5 Datasheet HTML 7Page - Intersil Corporation HA2-2625-5 Datasheet HTML 8Page - Intersil Corporation HA2-2625-5 Datasheet HTML 9Page - Intersil Corporation HA2-2625-5 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HA-2620, HA-2625
Metal Can Packages (Can)
NOTES:
1. (All leads) Øb applies between L1 and L2. Øb1 applies between
L2 and 0.500 from the reference plane. Diameter is uncontrolled
in L1 and beyond 0.500 from the reference plane.
2. Measured from maximum diameter of the product.
3.
α is the basic spacing from the centerline of the tab to terminal 1
and
β is the basic spacing of each lead or lead position (N -1
places) from
α, looking at the bottom of the package.
4. N is the maximum number of terminal positions.
5. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
6. Controlling dimension: INCH.
Øb
ØD2
Ø
e
k1
k
β
Øb1
BASE AND
SEATING PLANE
F
Q
ØD ØD1
L1
L2
REFERENCE PLANE
L
A
α
Øb2
Øb1
BASE METAL
LEAD FINISH
SECTION A-A
A
A
N
e1
C
L
2
1
T8.C MIL-STD-1835 MACY1-X8 (A1)
8 LEAD METAL CAN PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.165
0.185
4.19
4.70
-
Øb
0.016
0.019
0.41
0.48
1
Øb1
0.016
0.021
0.41
0.53
1
Øb2
0.016
0.024
0.41
0.61
-
ØD
0.335
0.375
8.51
9.40
-
ØD1
0.305
0.335
7.75
8.51
-
ØD2
0.110
0.160
2.79
4.06
-
e
0.200 BSC
5.08 BSC
-
e1
0.100 BSC
2.54 BSC
-
F
-
0.040
-
1.02
-
k
0.027
0.034
0.69
0.86
-
k1
0.027
0.045
0.69
1.14
2
L
0.500
0.750
12.70
19.05
1
L1
-
0.050
-
1.27
1
L2
0.250
-
6.35
-
1
Q
0.010
0.045
0.25
1.14
-
α
45o BSC
45o BSC
3
β
45o BSC
45o BSC
3
N8
8
4
Rev. 0 5/18/94


Similar Part No. - HA2-2625-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA2-2625-5 HARRIS-HA2-2625-5 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
More results

Similar Description - HA2-2625-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620_06 Datasheet
317Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
logo
Renesas Technology Corp
HA-2620 RENESAS-HA-2620 Datasheet
273Kb / 12P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
logo
Intersil Corporation
HS-2620RH INTERSIL-HS-2620RH Datasheet
78Kb / 5P
   Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
logo
Harris Corporation
HA-2622 HARRIS-HA-2622 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com