Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8646 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8646
Description  24 MHz Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646 Datasheet(HTML) 3 Page - Analog Devices

  AD8646_15 Datasheet HTML 1Page - Analog Devices AD8646_15 Datasheet HTML 2Page - Analog Devices AD8646_15 Datasheet HTML 3Page - Analog Devices AD8646_15 Datasheet HTML 4Page - Analog Devices AD8646_15 Datasheet HTML 5Page - Analog Devices AD8646_15 Datasheet HTML 6Page - Analog Devices AD8646_15 Datasheet HTML 7Page - Analog Devices AD8646_15 Datasheet HTML 8Page - Analog Devices AD8646_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD8646/AD8647/AD8648
SPECIFICATIONS
VSY = 5 V, VCM = VSY/2, TA = +25oC, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 0 V to 5 V
0.6
2.5
mV
−40°C < TA < +125°C
3.2
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +125°C
1.8
7.5
μV/°C
Input Bias Current
IB
0.3
1
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
550
pA
Input Offset Current
IOS
0.1
0.5
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
250
pA
Input Voltage Range
VCM
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
67
84
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 4.5 V
104
116
dB
Input Capacitance
Differential
CDIFF
2.5
pF
Common Mode
CCM
6.7
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IOUT = 1 mA
4.98
4.99
V
−40°C < TA < +125°C
4.90
V
IOUT = 10 mA
4.85
4.92
V
−40°C < TA < +125°C
4.70
V
Output Voltage Low
VOL
IOUT = 1 mA
8.4
20
mV
−40°C < TA < +125°C
40
mV
IOUT = 10 mA
78
145
mV
−40°C < TA < +125°C
200
mV
Output Current
Isc
Short circuit
±120
mA
Closed-Loop Output Impedance
ZOUT
At 1 MHz, AV = 1
5
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 2.7 V to 5.5 V
63
80
dB
Supply Current per Amplifier
ISY
1.5
2.0
mA
−40°C < TA < +125°C
2.5
mA
Supply Current Shutdown Mode
(AD8647 Only)
ISD
Both amplifiers shut down,
VIN_SDA and VIN_SDB = 0 V
10
nA
−40°C < TA < +125°C
1
μA
SHUTDOWN INPUTS (AD8647)
Logic High Voltage (Enabled)
VINH
−40°C < TA < +125°C
+2.0
V
Logic Low Voltage (Power-Down)
VINL
−40°C < TA < +125°C
+0.8
V
Logic Input Current (Per Pin)
IIN
−40°C < TA < +125°C
1
μA
Output Pin Leakage Current
−40°C < TA < +125°C (shutdown active)
1
nA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
11
V/μs
Gain Bandwidth Product
GBP
24
MHz
Phase Margin
Øm
74
Degrees
Settling Time
ts
To 0.1%
0.5
μs
Amplifier Turn-On Time (AD8647)
ton
25°C, AV = 1, RL = 1 kΩ (see Figure 44)
1
μs
Amplifier Turn-Off Time (AD8647)
toff
25°C, AV = 1, RL = 1 kΩ (see Figure 45)
1
μs
Rev. E | Page 3 of 20


Similar Part No. - AD8646_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
More results

Similar Description - AD8646_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8648 AD-AD8648_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648 AD-AD8648 Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
OP462 AD-OP462_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
OP162 AD-OP162_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP262 AD-OP262_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com