Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8643 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8643
Description  Low Power, Rail-to-Rail Output, Precision
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8643 Datasheet(HTML) 5 Page - Analog Devices

  AD8643_15 Datasheet HTML 1Page - Analog Devices AD8643_15 Datasheet HTML 2Page - Analog Devices AD8643_15 Datasheet HTML 3Page - Analog Devices AD8643_15 Datasheet HTML 4Page - Analog Devices AD8643_15 Datasheet HTML 5Page - Analog Devices AD8643_15 Datasheet HTML 6Page - Analog Devices AD8643_15 Datasheet HTML 7Page - Analog Devices AD8643_15 Datasheet HTML 8Page - Analog Devices AD8643_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8641/AD8642/AD8643
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
Supply Voltage
27.3 V
Input Voltage
VS− to VS+
Differential Input Voltage
±Supply Voltage
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
KS-5, R-8, RM-8, R-14, CP-16 Packages
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
KS-5, R-8, RM-8, R-14, CP-16 Packages
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. This
was measured using a standard 4-layer board. For the LFCSP
package, solder the exposed pad to a copper plane, which
should be connected to V+.
Table 4.
Package Type
θJA
θJC
Unit
5-Lead SC70 (KS)
430
149
°C/W
8-Lead SOIC (R)
121
43
°C/W
8-Lead MSOP (RM)
142
45
°C/W
14-Lead SOIC (R)
110
36
°C/W
16-Lead LFCSP (CP)
81
16
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD8643_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8643ACPZ-R2 AD-AD8643ACPZ-R2 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8643ACPZ-R2 AD-AD8643ACPZ-R2 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8643ACPZ-R2 AD-AD8643ACPZ-R2 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8643ACPZ-REEL AD-AD8643ACPZ-REEL Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8643ACPZ-REEL AD-AD8643ACPZ-REEL Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
More results

Similar Description - AD8643_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
logo
Analog Devices
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA140A-DIE TI1-OPA140A-DIE Datasheet
73Kb / 4P
[Old version datasheet]   HIGH-PRECISION, LOW-NOISE, RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com