Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8677 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8677
Description  130 V Maximum Offset Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8677 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8677_15 Datasheet HTML 3Page - Analog Devices AD8677_15 Datasheet HTML 4Page - Analog Devices AD8677_15 Datasheet HTML 5Page - Analog Devices AD8677_15 Datasheet HTML 6Page - Analog Devices AD8677_15 Datasheet HTML 7Page - Analog Devices AD8677_15 Datasheet HTML 8Page - Analog Devices AD8677_15 Datasheet HTML 9Page - Analog Devices AD8677_15 Datasheet HTML 10Page - Analog Devices AD8677_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8677
Rev. A | Page 7 of 16
1.6
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
VS = ±15V
Figure 9. Supply Current vs. Temperature
14.40
14.35
14.30
14.25
14.20
14.15
14.10
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
RL = 10kΩ
Figure 10. +VOUT vs. Temperature
4.45
4.40
4.35
4.30
4.25
4.20
4.15
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
RL = 10kΩ
Figure 11. +VOUT vs. Temperature
–13.92
–14.10
–14.08
–14.06
–14.04
–14.02
–14.00
–13.98
–13.96
–13.94
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
RL = 10kΩ
Figure 12. −VOUT vs. Temperature
–3.98
–4.16
–4.14
–4.12
–4.10
–4.08
–4.06
–4.04
–4.02
–4.00
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
RL = 10kΩ
Figure 13. −VOUT vs. Temperature
0
–0.5
–0.4
–0.3
–0.2
–0.1
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
Figure 14. Input Bias Current vs. Temperature


Similar Part No. - AD8677_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8677 AD-AD8677_16 Datasheet
358Kb / 17P
   130 關V Maximum Offset Voltage Op Amp in TSOT
More results

Similar Description - AD8677_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8677 AD-AD8677_16 Datasheet
358Kb / 17P
   130 關V Maximum Offset Voltage Op Amp in TSOT
AD8677 AD-AD8677 Datasheet
290Kb / 16P
   130 uV Maximum Offset Voltage Op Amp in TSOT
REV. 0
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
   150 V Maximum Offset Voltage Op Amp
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
   150 關V Maximum Offset Voltage Op Amp
OP07D AD-OP07D Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
logo
Linear Technology
LT119A LINER-LT119A_12 Datasheet
193Kb / 12P
   Guaranteed Maximum 0.5mV Input Offset Voltage
logo
Motorola, Inc
MC12101 MOTOROLA-MC12101 Datasheet
150Kb / 7P
   130 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
logo
ON Semiconductor
BSS84LT1 ONSEMI-BSS84LT1 Datasheet
67Kb / 4P
   Power MOSFET 130 mA, 50 V
June, 2004 ??Rev. 5
logo
Shanghai Leiditech Elec...
PESD2442L002 LEIDITECH-PESD2442L002 Datasheet
1Mb / 5P
   Maximum allowable continuous DC voltage V DC 24 V
MVR0603-5R0E100 LEIDITECH-MVR0603-5R0E100 Datasheet
386Kb / 5P
   Maximum allowable continuous DC voltage 5.5 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com