Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW66H Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW66H
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW66H Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW66H Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW66H Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BCW66H Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
BCW66 (KCW66)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
75
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA, IB= 0
45
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 45 V , IE= 0
20
Emitter cut-off current
IEBO
VEB= 4V , IC=0
20
IC=100 mA, IB=10mA
0.3
IC= 500 mA, IB= 50mA
0.7
Base - emitter saturation voltage (Note.1)
VBE(sat) IC= 500 mA, IB= 50mA
2
VCE= 10V, IC= 100uA
F
35
G
50
H
80
VCE= 1V, IC= 10mA
F
75
G
110
H
180
VCE= 1V, IC= 100mA
F
100
250
G
160
400
H
250
630
VCE= 2V, IC= 500mA
F
35
G
60
H
100
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
12
Collector input capacitance
Cib
VEB= 0.5V, IC= 0,f=1MHz
80
Noise figure
NF
VCE= 5V, IC= 0.2mA
RS=1KΩ,BW=200Hz
10
dB
Transition frequency
fT
VCE= 10V, IC= 20mA,f=100MHz
100
MHz
pF
hFE(2)
hFE(3)
hFE(4)
Collector-emitter saturation voltage (Note.1)
VCE(sat)
DC current gain
hFE(1)
V
V
nA
Classification of hfe(3)
Type
BCW66F
BCW66G
BCW66H
Range
100-250
160-400
250-630
Marking
EF
EG
EH


Similar Part No. - BCW66H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCW66H STMICROELECTRONICS-BCW66H Datasheet
39Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
logo
Central Semiconductor C...
BCW66H CENTRAL-BCW66H Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Zetex Semiconductors
BCW66H ZETEX-BCW66H Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCW66H SECOS-BCW66H Datasheet
61Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Siemens Semiconductor G...
BCW66H SIEMENS-BCW66H Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
More results

Similar Description - BCW66H

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com