Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW68G Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW68G
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW68G Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW68G Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW68G Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BCW68G Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
BCW68 (KCW68)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-60
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA, IB=0
-45
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -45 V , IE=0
-20
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-20
IC=-100 mA, IB=-10mA
-0.3
IC=-500 mA, IB=-50mA
-0.7
IC=-100 mA, IB=-10mA
-1.25
IC=-500 mA, IB=-50mA
-2
VCE= -10V, IC= -0.1mA
F
35
G
50
H
80
VCE= -1V, IC= -10mA
F
75
G
120
H
180
VCE= -1V, IC= -100mA
F
100
250
G
160
400
H
250
630
VCE= -2V, IC= -500mA
F
35
G
60
H
100
Collector output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
6
Collector input capacitance
Cib
VEB= -0.5V, IE= 0,f=1MHz
60
Transition frequency
fT
VCE= -5V, IC= -50mA,f=20MHz
200
MHz
pF
V
nA
Collector-emitter saturation voltage
VCE(sat)
Base - emitter saturation voltage
VBE(sat)
V
DC current gain
hFE(1)
hFE(2)
hFE(3)
hFE(4)
Classification of hfe(3)
Type
BCW68F
BCW68G
BCW68H
Range
100-250
160-400
250-630
Marking
DF
DG
DH


Similar Part No. - BCW68G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68G ZETEX-BCW68G Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
BCW68G WINNERJOIN-BCW68G Datasheet
64Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
SHIKUES Electronics
BCW68G SKTECHNOLGY-BCW68G Datasheet
498Kb / 2P
   High Collector Current
logo
Siemens Semiconductor G...
BCW68G SIEMENS-BCW68G Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW68G INFINEON-BCW68G Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
More results

Similar Description - BCW68G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com