Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW71 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW71
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW71 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW71 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW71 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
BCW71~BCW72 (KCW71~KCW72)
Features
Low current (100 mA)
Low voltage (45 V)
Low noise.
PNP complements: BCW69 and BCW70.
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
50
Collector - Emitter Voltage
VCEO
45
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
100
Peak Collector Current
ICM
200
Peak Base Current
IBM
200
Collector Power Dissipation
PC
250
mW
Thermal Resistance From Junction to Ambient (Note.1)
Rthja
500
K/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
mA
Note.1:Transistor mounted on an FR4 printed-circuit board.
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02


Similar Part No. - BCW71

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW71 PHILIPS-BCW71 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 19
logo
Guangdong Kexin Industr...
BCW71 KEXIN-BCW71 Datasheet
911Kb / 2P
   NPN Transistors
logo
Samsung semiconductor
BCW71 SAMSUNG-BCW71 Datasheet
33Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Nexperia B.V. All right...
BCW71 NEXPERIA-BCW71 Datasheet
308Kb / 7P
   NPN general purpose transistors
1999 Apr 19
logo
Fairchild Semiconductor
BCW71 FAIRCHILD-BCW71 Datasheet
31Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BCW71

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com