Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX71J Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCX71J
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCX71J Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCX71J Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCX71J Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
Features
Low current (max. 100 mA)
Low voltage (max. 45 V)
Low noise.
NPN complements: BCX70 series.
Absolute Maximum Ratings Ta = 25℃
Note.1:Transistor mounted on an FR4 printed-circuit board.
PNP Transistors
BCX71 (KCX71)
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-45
Collector - Emitter Voltage
VCEO
-45
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-100
Peak Collector Current
ICM
-200
Peak Base Current
IBM
-200
Collector Power Dissipation
PC
250
mW
Thermal Resistance Junction to Ambient (Note.1)
RθJA
500
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
mA
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02


Similar Part No. - BCX71J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX71J PHILIPS-BCX71J Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
logo
Continental Device Indi...
BCX71J CDIL-BCX71J Datasheet
88Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Samsung semiconductor
BCX71J SAMSUNG-BCX71J Datasheet
30Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
BCX71J KEXIN-BCX71J Datasheet
1Mb / 2P
   PNP Transistors
logo
Siemens Semiconductor G...
BCX71J SIEMENS-BCX71J Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCX71J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com