Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5340 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA5340
Description  High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5340 Datasheet(HTML) 5 Page - Intersil Corporation

  HA5340 Datasheet HTML 1Page - Intersil Corporation HA5340 Datasheet HTML 2Page - Intersil Corporation HA5340 Datasheet HTML 3Page - Intersil Corporation HA5340 Datasheet HTML 4Page - Intersil Corporation HA5340 Datasheet HTML 5Page - Intersil Corporation HA5340 Datasheet HTML 6Page - Intersil Corporation HA5340 Datasheet HTML 7Page - Intersil Corporation HA5340 Datasheet HTML 8Page - Intersil Corporation HA5340 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
7-12
HA-5340/883
Die Characteristics
DIE DIMENSIONS:
84 x 139 x 19mils
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
± 2kÅ
GLASSIVATION:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos)
Silox Thickness: 12k
Å
± 2.0kÅ
Nitride Thickness: 3.5k
Å
± 1.5kÅ
DIE ATTACH:
Material: Gold Silicon Eutectic Alloy
Temperature:Ceramic DIP - 460oC (Max)
Ceramic LCC - 420oC (Max)
WORST CASE CURRENT DENSITY:
5.33 x 104 A/cm2
Metallization Mask Layout
HA-5340/883
-IN (1)
S/H (14)
SUPPLY (13)
+IN (2)
CONTROL
GND
(9) +VSUPPLY
(7) OUTPUT
(7) OUTPUT
(6) SIG GND
Spec Number
511117-883


Similar Part No. - HA5340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5320 INTERSIL-HA5320 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
HA5320/883 INTERSIL-HA5320/883 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
HA5320883 INTERSIL-HA5320883 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
   64ns Sample and Hold Amplifier
May 1999
HA5351 INTERSIL-HA5351 Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
More results

Similar Description - HA5340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5340 INTERSIL-HA-5340 Datasheet
399Kb / 8P
   700ns, Low Distortion, Precision Sample and Hold Amplifier
September 1998
logo
Renesas Technology Corp
HA-5340 RENESAS-HA-5340 Datasheet
818Kb / 10P
   700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
logo
Intersil Corporation
HA-5340 INTERSIL-HA-5340_03 Datasheet
710Kb / 10P
   700ns, Low Distortion, Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD585 AD-AD585_17 Datasheet
526Kb / 6P
   High speed, Precision Sample-and-hold Amplifier
logo
Intersil Corporation
HA5320 INTERSIL-HA5320 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
logo
Analog Devices
AD585JP-REEL AD-AD585JP-REEL Datasheet
342Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Intersil Corporation
HA-5320883 INTERSIL-HA-5320883 Datasheet
309Kb / 11P
   High Speed Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585_15 Datasheet
342Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Burr-Brown (TI)
SHC5320 BURR-BROWN-SHC5320 Datasheet
87Kb / 10P
   High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com