Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5340 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA5340
Description  High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5340 Datasheet(HTML) 3 Page - Intersil Corporation

  HA5340 Datasheet HTML 1Page - Intersil Corporation HA5340 Datasheet HTML 2Page - Intersil Corporation HA5340 Datasheet HTML 3Page - Intersil Corporation HA5340 Datasheet HTML 4Page - Intersil Corporation HA5340 Datasheet HTML 5Page - Intersil Corporation HA5340 Datasheet HTML 6Page - Intersil Corporation HA5340 Datasheet HTML 7Page - Intersil Corporation HA5340 Datasheet HTML 8Page - Intersil Corporation HA5340 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
7-10
Specifications HA5340/883
Power Supply Current
+ICC
VOUT = 0V, IOUT = 0mA
1
+25oC
-
25
mA
2, 3
+125oC, -55oC
-
25
mA
-ICC
VOUT = 0V, IOUT = 0mA
1
+25oC
-25
-
mA
2, 3
+125oC, -55oC
-25
-
mA
Power Supply Rejection
Ratio
+PSRR
V+ = 13.5V, 16.5V
V- = -15V, -15V
1
+25oC75
-
dB
2, 3
+125oC, -55oC75
-
dB
-PSRR
V+ = +15V, +15V,
V- = -13.5V, -16.5V
1
+25oC75
-
dB
2, 3
+125oC, -55oC75
-
dB
Digital Input Current
IINL
VIN = 0V
1
+25oC-
40
µA
2, 3
+125oC, -55oC-
40
µA
IINH
VIN = 5V
1
+25oC-
40
µA
2, 3
+125oC, -55oC-
40
µA
Digital Input Voltage
VIL
1
+25oC
-
0.8
V
2, 3
+125oC, -55oC
-
0.8
V
VIH
1
+25oC
2.0
-
V
2, 3
+125oC, -55oC
2.0
-
V
Output Voltage Droop
Rate
VD
VOUT = 0V
2
+125oC-
95
µV/µs
TABLE 2. AC ELECTICAL PERFORMANCE CHARACTERISTICS
Device Tested at: V+ = +15V; V- = -15V; VIL = 0.8V (Sample); VIH = 2.0V (Hold); CH = Internal = 135pF; - Input Tied to Output, Signal
GND = Supply GND, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Hold Step Error
VERROR
VIL = 0V, VIH = 4.0V,
tRISE(VS/H) = 15ns
4
+25oC
-50
50
mV
Rise Time & Fall Time
TR
CL=60pF, RL=2kΩ, AV = +1,
VOUT = 0V to +200mV Step
10%, 90%pts
4
+25oC
-
50
ns
5, 6
+125oC, -55oC
-
50
ns
TF
CL = 60pF, RL = 2kΩ,
AV = +1, VOUT = 0V to
-200mV Step 10%, 90%pts
4
+25oC
-
50
ns
Overshoot
+OS
CL = 60pF, RL = 2kΩ,
AV = +1, VOUT = 0V to
+200mV Step
4
+25oC
-
60
%
5, 6
+125oC, -55oC
-
60
%
-OS
CL = 60pF, RL = 2kΩ,
AV = +1, VOUT = 0V
to -200mV Step
4
+25oC
-
60
%
5, 6
+125oC, -55oC
-
60
%
Slew Rate
+SR
CL = 60pF, RL = 2kΩ,
AV = +1, VOUT = 0V to +10V
Step, 25%, 75% pts
4
+25oC40
-
V/
µs
5, 6
+125oC, -55oC40
-
V/
µs
-SR
CL = 60pF, RL = 2kΩ,
AV = +1, VOUT = 0V to -10V
Step, 25%, 75% pts
4
+25oC40
-
V/
µs
5, 6
+125oC, -55oC40
-
V/
µs
TABLE 1. DC ELECTICAL PERFORMANCE CHARACTERISTICS
(Continued)
Device Tested at: V+ = +15V; V- = -15V; VIL = 0.8V (Sample); VIH = 2.0V (Hold); CH = Internal = 135pF; Signal GND = Supply GND,
Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CAUTION: These devices are sensitive to electronic discharge. Proper IC handling procedures should be followed.
Spec Number
511117-883


Similar Part No. - HA5340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5320 INTERSIL-HA5320 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
HA5320/883 INTERSIL-HA5320/883 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
HA5320883 INTERSIL-HA5320883 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
   64ns Sample and Hold Amplifier
May 1999
HA5351 INTERSIL-HA5351 Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
More results

Similar Description - HA5340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5340 INTERSIL-HA-5340 Datasheet
399Kb / 8P
   700ns, Low Distortion, Precision Sample and Hold Amplifier
September 1998
logo
Renesas Technology Corp
HA-5340 RENESAS-HA-5340 Datasheet
818Kb / 10P
   700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
logo
Intersil Corporation
HA-5340 INTERSIL-HA-5340_03 Datasheet
710Kb / 10P
   700ns, Low Distortion, Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD585 AD-AD585_17 Datasheet
526Kb / 6P
   High speed, Precision Sample-and-hold Amplifier
logo
Intersil Corporation
HA5320 INTERSIL-HA5320 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
logo
Analog Devices
AD585JP-REEL AD-AD585JP-REEL Datasheet
342Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Intersil Corporation
HA-5320883 INTERSIL-HA-5320883 Datasheet
309Kb / 11P
   High Speed Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585_15 Datasheet
342Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Burr-Brown (TI)
SHC5320 BURR-BROWN-SHC5320 Datasheet
87Kb / 10P
   High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com