Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC9P5524-5 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HC9P5524-5
Description  EIA/ITU 24V PABX SLIC with 25mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC9P5524-5 Datasheet(HTML) 3 Page - Intersil Corporation

  HC9P5524-5 Datasheet HTML 1Page - Intersil Corporation HC9P5524-5 Datasheet HTML 2Page - Intersil Corporation HC9P5524-5 Datasheet HTML 3Page - Intersil Corporation HC9P5524-5 Datasheet HTML 4Page - Intersil Corporation HC9P5524-5 Datasheet HTML 5Page - Intersil Corporation HC9P5524-5 Datasheet HTML 6Page - Intersil Corporation HC9P5524-5 Datasheet HTML 7Page - Intersil Corporation HC9P5524-5 Datasheet HTML 8Page - Intersil Corporation HC9P5524-5 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Absolute Delay
(Note 2)
2-Wire/4-Wire
300Hz to 3400Hz
-
-
1
µs
4-Wire/2-Wire
300Hz to 3400Hz
-
-
1
µs
4-Wire/4-Wire
300Hz to 3400Hz
-
0.95
1.5
µs
Total Harmonic Distortion
2-Wire/4-Wire, 4-Wire/2-Wire, 4-Wire/4-Wire
Reference Level 0dBm at 600
Ω,
300Hz to 3400Hz (Note 3)
-
-
-50
dB
Idle Channel Noise
2-Wire and 4-Wire
C-Message, (Note 3)
-
-
5
dBrnC
Psophometric
-
-
-85
dBmp
3kHz Flat
-
-
16
dBrn
Open Loop Voltage (VTIP - VRING)VB+ = 5V, VB- = -24V
-
15.8
-
V
Power Supply Rejection Ratio
VB+ to 2-Wire
30Hz to 200Hz, RL = 600Ω, (Note 3)
20
40
-
dB
VB+ to 4-Wire
20
40
-
dB
VB- to 2-Wire
20
40
-
dB
VB- to 4-Wire
20
50
-
dB
VB+ to 2-Wire
200Hz to 16kHz, RL = 600Ω
30
40
-
dB
VB+ to 4-Wire
20
28
-
dB
VB- to 2-Wire
20
50
-
dB
VB- to 4-Wire
20
50
-
dB
Ring Sync Pulse Width
50
-
500
µs
DC PARAMETERS
Loop Current Programming
Limit Range
20
-
60
mA
Accuracy
10
-
-
%
Loop Current During Power Denial
RL = 200Ω
-
±4
±7mA
Fault Currents
TIP to Ground
-30-
mA
RING to Ground
-
120
-
mA
TIP and RING to Ground
-
150
-
mA
Switch Hook Detection Threshold
-12
15
mA
Ground Key Detection Threshold
-10-
mA
Thermal ALM Output
Safe Operating Die Temperature Exceeded
140
-
160
oC
Ring Trip Detection Threshold
VRING = 105VRMS, fRING = 20Hz
-
10
-
mA
Ring Trip Detection Period
-
100
150
ms
Dial Pulse Distortion
-
0.1
0.5
ms
Relay Driver Outputs
On Voltage VOL
IOL (PR) = 60mA, IOL (RD) = 30mA
-
0.2
0.5
V
Off Leakage Current
VOH = 13.2V
-
±10
±100
µA
TTL/CMOS Logic Inputs (F0, F1, RS, TST, PRI)
Logic ‘0’ VIL
-
-
0.8
V
Logic ‘1’ VIH
2.0
-
5.5
V
Input Current (F0, F1, RS, TST, PRI)
0V
≤ VIN ≤ 5V
-
-
±100
µA
Logic Outputs
Logic ‘0’ VOL
ILOAD = 800µA
-
0.1
0.5
V
Logic ‘1’ VOH
ILOAD = 40µA
2.7
-
-
V
Electrical Specifications Typical Parameters are at TA = 25oC, VB+ = 5V, VB- = -24V, AG = DG = BG = 0V. Min-Max Parameters are
Over Operating Positive and Negative Battery Voltages and Over the Operating Temperature Range. All
Parameters are Specified at 600W 2-Wire Terminating Impedance, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC-5524


Similar Part No. - HC9P5524-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC9P5502B-5 INTERSIL-HC9P5502B-5 Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC9P5502B1-5 INTERSIL-HC9P5502B1-5 Datasheet
132Kb / 12P
   SLIC Subscriber Line Interface Circuit
April 1999
HC9P5504B-5 INTERSIL-HC9P5504B-5 Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC9P5504B-5 INTERSIL-HC9P5504B-5 Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC9P5504B-5 INTERSIL-HC9P5504B-5 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
More results

Similar Description - HC9P5524-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com