Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC6094IN Datasheet(PDF) 8 Page - Intersil Corporation

Part # HC6094IN
Description  ADSL Analog Front End Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC6094IN Datasheet(HTML) 8 Page - Intersil Corporation

  HC6094IN Datasheet HTML 1Page - Intersil Corporation HC6094IN Datasheet HTML 2Page - Intersil Corporation HC6094IN Datasheet HTML 3Page - Intersil Corporation HC6094IN Datasheet HTML 4Page - Intersil Corporation HC6094IN Datasheet HTML 5Page - Intersil Corporation HC6094IN Datasheet HTML 6Page - Intersil Corporation HC6094IN Datasheet HTML 7Page - Intersil Corporation HC6094IN Datasheet HTML 8Page - Intersil Corporation HC6094IN Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Pin Descriptions
PIN
NUMBER
PIN
NAME
PIN DESCRIPTION
43, 44
D13-D12
Digital Input bits 13 and 12. D13 is MSB.
1-12
D11-D0
Digital Input bits 11 thru 0. D0 is LSB.
13, 14
RXO
±
Receiver differential outputs.
15
VSSA_RX
Receiver -5V supply.
16
VDDA_RX
Receiver +5V supply.
17, 18
PGAI
±
PGA2 differential inputs.
19, 20
PGAO
±
PGA1 differential outputs.
21, 22
RXI
±
Receiver differential inputs (PGA1 inputs).
23
GNDA_RX
Receiver ground.
24
GNDD_RX
Serial interface ground.
25
SCLK
Serial interface clock pin.
26
RST
Serial interface reset pin.
27
SDI
Serial interface data input.
28
CS
Serial interface chip select.
29
VDDD_RX
Shift register Digital +5V supply.
30
ARTN
Analog return (ground).
31
VSSA_TX
Transmitter -5V supply.
32
VDDA_TX
Transmitter +5V supply.
33
VSSA_ATT
Attenuator -5V supply.
34, 35
TXO
±
Transmitter differential outputs.
36
VDDA_ATT
Attenuator +5V supply.
37
GNDA_TX
Analog ground for transmitter.
38
CTLOUT
Control Amplifier Output. Provides precision control of the current sources. Typically connected to
CTLIN.
39
CTLIN
Input to the Current Source Base Rail. Typically connected to CTLOUT. Requires a 0.1
µF capacitor
to VSSA_TX. Allows external decoupling of the current sources.
40
GNDD_TX
Digital Ground.
41
CLK
DAC input latch clock.
42
VDDD_TX
DAC digital +5V supply.
HC6094


Similar Part No. - HC6094IN

ManufacturerPart #DatasheetDescription
logo
Tallysman Wireless Inc.
HC600 TALLYSMAN-HC600 Datasheet
381Kb / 2P
   HC600 Iridium Antenna
HC600E TALLYSMAN-HC600E Datasheet
401Kb / 2P
   HC600E Embedded Iridium Antenna
logo
auris-GmbH
HC6032 AURIS-HC6032 Datasheet
177Kb / 1P
   Quartz SMD, Ceramic
HC6034 AURIS-HC6034 Datasheet
177Kb / 1P
   Quartz SMD, Ceramic
HC6035 AURIS-HC6035 Datasheet
177Kb / 1P
   Quartz SMD, Ceramic
More results

Similar Description - HC6094IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
[Old version datasheet]   ADSL ANALOG FRONT-END
AFE1302 TI-AFE1302 Datasheet
221Kb / 11P
[Old version datasheet]   ADSL ANALOG FRONT-END
logo
STMicroelectronics
ST70136 STMICROELECTRONICS-ST70136 Datasheet
361Kb / 24P
   CPE ADSL ANALOG FRONT END
logo
Samsung semiconductor
S5N8943B SAMSUNG-S5N8943B Datasheet
263Kb / 22P
   G.Lite ADSL Analog Front End IC
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
logo
Samsung semiconductor
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
   G.dmt ADSL Analog Front End IC
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
   INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
   QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
   ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
January 2001
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
   TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com