Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS02MS Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCS02MS
Description  Radiation Hardened Quad 2-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS02MS Datasheet(HTML) 8 Page - Intersil Corporation

  HCS02MS Datasheet HTML 1Page - Intersil Corporation HCS02MS Datasheet HTML 2Page - Intersil Corporation HCS02MS Datasheet HTML 3Page - Intersil Corporation HCS02MS Datasheet HTML 4Page - Intersil Corporation HCS02MS Datasheet HTML 5Page - Intersil Corporation HCS02MS Datasheet HTML 6Page - Intersil Corporation HCS02MS Datasheet HTML 7Page - Intersil Corporation HCS02MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
HCS02MS
Die Characteristics
DIE DIMENSIONS:
87 x 88 mils
2.20mm x 2.24mm
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 x 4 mils
Metallization Mask Layout
HCS02MS
Y1
VCC
Y4
A1 (2)
B1 (3)
Y2 (4)
A2 (5)
(12) B4
(11) A4
(10) Y3
(9) B3
(6)
(7)
(8)
(1)
(14)
(13)
B2
GND
A3
Spec Number
518744


Similar Part No. - HCS02MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS02MS RENESAS-HCS02MS Datasheet
453Kb / 8P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
More results

Similar Description - HCS02MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS02MS INTERSIL-ACS02MS Datasheet
50Kb / 2P
   Radiation Hardened Quad 2-Input NOR Gate
November 1998
logo
Renesas Technology Corp
HCS02MS RENESAS-HCS02MS Datasheet
453Kb / 8P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
logo
Intersil Corporation
HCTS02MS INTERSIL-HCTS02MS Datasheet
75Kb / 11P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
April 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
[Old version datasheet]   Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCTS02MS RENESAS-HCTS02MS Datasheet
486Kb / 8P
   Radiation Hardened Quad2-Input NOR Gate
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com