Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPC9800-11 Datasheet(PDF) 1 Page - Marktech Corporate

Part # OPC9800-11
Description  LED Chip Infrared
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

OPC9800-11 Datasheet(HTML) 1 Page - Marktech Corporate

  OPC9800-11_15 Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
Electrical & Optical Characteristics (Ta = 25ºC)
201
4-04-04
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All
operating parameters must be validated for each customer application by the customer.
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Product No:
OPC
9
800-11
typ. dimensions
anode: gold alloy, 1.5 μm
cathode: gold alloy, 0.5μm
structured, 25% covered
Radiation
Type
Electrodes
Infra Red
MQW
P (anode) up
typ thickness: 190 (±40) μm
Forward Voltage
Vf
If=100mA
--
1
.25
--
V
Reverse
Current
Ir
Vr=5V
--
--
10
μA
Radiant Power
Φe
If=50mA
--
4.5
--
mW
Switching Time
tr, tf
If=
350mA
--
20/20
--
ns
Peak Wavelength
λp
If=
350mA
--
980
--
nm
Spectral Bandwidth at 50%
λ0.5
If=
350mA
--
40
--
nm
Forward Voltage
Vf
If=350mA
--
1.
30
--
V
Radiant Intensity
I
e
If=350mA
--
5.0
--
mW/sr
LED Chip Infrared
Absolute Maximum Ratings (Ta = 25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward DC Current
If
500
mA


Similar Part No. - OPC9800-11_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
OPC9800-11 MARKTECH-OPC9800-11 Datasheet
1,006Kb / 1P
   LED Chip Infrared
More results

Similar Description - OPC9800-11_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
IR17-21C A-BRIGHT-IR17-21C Datasheet
325Kb / 5P
   Chip Infrared LED
2006/9/28
logo
Everlight Electronics C...
SIR17-21C EVERLIGHT-SIR17-21C Datasheet
232Kb / 10P
   Infrared Chip LED
logo
KODENSHI_AUK CORP.
OPA9425AL KODENSHI-OPA9425AL Datasheet
100Kb / 1P
   Infrared LED Chip
OPA9441F KODENSHI-OPA9441F Datasheet
97Kb / 1P
   Infrared LED Chip
OPA9454 KODENSHI-OPA9454 Datasheet
95Kb / 1P
   Infrared LED Chip
OPA7740EDD KODENSHI-OPA7740EDD Datasheet
103Kb / 1P
   Infrared LED Chip
OPA8328H KODENSHI-OPA8328H Datasheet
105Kb / 1P
   Infrared LED Chip
OPA8525HP KODENSHI-OPA8525HP Datasheet
98Kb / 1P
   Infrared LED Chip
OPA8535H(A) KODENSHI-OPA8535H(A) Datasheet
100Kb / 1P
   Infrared LED Chip
OPA8537RC KODENSHI-OPA8537RC Datasheet
121Kb / 1P
   Infrared LED Chip
OPA8709 KODENSHI-OPA8709 Datasheet
99Kb / 1P
   Infrared LED Chip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com