Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9040A Datasheet(PDF) 5 Page - Analog Devices

Part # AD9040A
Description  10-Bit 40 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040A Datasheet(HTML) 5 Page - Analog Devices

  AD9040A_15 Datasheet HTML 1Page - Analog Devices AD9040A_15 Datasheet HTML 2Page - Analog Devices AD9040A_15 Datasheet HTML 3Page - Analog Devices AD9040A_15 Datasheet HTML 4Page - Analog Devices AD9040A_15 Datasheet HTML 5Page - Analog Devices AD9040A_15 Datasheet HTML 6Page - Analog Devices AD9040A_15 Datasheet HTML 7Page - Analog Devices AD9040A_15 Datasheet HTML 8Page - Analog Devices AD9040A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. D
AD9040A
–5–
PIN CONFIGURATION
PDIP and SOIC
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9040A
NC = NO CONNECT
GND
AIN
–VS
GND
+VS
ENCODE
NC
–VS
GND
+VS
GND
BPREF
VREF
VOUT
OR
D9 (MSB)
D8
D7
D6
D5
–VS
D0 (LSB)
D1
D2
D3
GND
VD
D4
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1, 12, 21
–VS
5 V Power Supply.
2, 4, 11, 14, 22
GND
Ground.
3, 10
+VS
Analog 5 V Power Supply.
5VOUT
Internal Band Gap Voltage Reference (Nominally 2.5 V).
6VREF
Noninverting Input to Reference Amplifier. Voltage reference for ADC is connected here.
7BPREF
External Connection for (0.1
µF) Reference Bypass Capacitor.
8NCNo Connection Internally.
9
ENCODE
Encode Clock Input to ADC. Internal track-and-hold placed in hold mode (ADC is encoding)
on rising edge.
13
AIN
Noninverting Input to Track-and-Hold Amplifier.
15
OR
Out-of-Range Condition Output. Active high when analog input exceeds input range of ADC by
1 LSB (< FS – 1 LSB or > +FS + 1 LSB).
16
D9 (MSB)
Most Significant Bit of ADC Output; TTL/CMOS Compatible.
17–20
D8–D5
Digital Output Bits of ADC; TTL/CMOS Compatible.
23
VD
Digital +5 V Power Supply.
24–27
D4–D1
Digital Output Bits of ADC; TTL/CMOS Compatible.
28
D0 (LSB)
Least Significant Bit of ADC Output; TTL/CMOS Compatible.
DIE LAYOUT AND MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . 204 mils
× 185 mils × 21 (±1) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . 4 mils
× 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5,070
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Oxynitride
Die Attach (JN/JR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . Epoxy
Bond Wire (JN/JR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold
ENCODE
GND
+VS
VREF
VOUT
NC
NC = NO CONNECT
BPREF
D7
D6
D5
D4
D3
D2
DGND
–VS
+VD


Similar Part No. - AD9040A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9040A/PCB AD-AD9040A/PCB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040A/PWB AD-AD9040A/PWB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040AJN AD-AD9040AJN Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040AJR AD-AD9040AJR Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040APCB AD-AD9040APCB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
More results

Similar Description - AD9040A_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
   10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
   10-bit, 40 MSPS 160mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com