Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9050 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9050
Description  10-Bit, 40 MSPS/60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9050 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9050_15 Datasheet HTML 4Page - Analog Devices AD9050_15 Datasheet HTML 5Page - Analog Devices AD9050_15 Datasheet HTML 6Page - Analog Devices AD9050_15 Datasheet HTML 7Page - Analog Devices AD9050_15 Datasheet HTML 8Page - Analog Devices AD9050_15 Datasheet HTML 9Page - Analog Devices AD9050_15 Datasheet HTML 10Page - Analog Devices AD9050_15 Datasheet HTML 11Page - Analog Devices AD9050_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD9050
–11–
REV. B
Figure 24. Evaluation Board Schematic
J2
IN
IN OUT
R4
1k
R3
50
2
3
6
R5
1k
U2
AD9631Q
TP3
C9
0.1
µF
8D
7D
6D
5D
4D
3D
2D
1D
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
CK
OE
U3
74AC574R
VREFOUT
VREFIN
COMP
REFBP
AINB
AIN
ENC
OR
D9/MSB
D8
D7
D6
D5
D4
D3
D2
D1
D0
+5V
+5V
U1
AD9050R
J3
HDR20
TP1
3
4
5
6
10
13
14
9
U6:B
74AC00R
4
5
6
R1
50
C1
0.1
µF
C2
0.1
µF
C3
0.1
µF
9
8
7
6
5
4
3
2
8D
7D
6D
5D
4D
3D
2D
1D
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
CK
OE
U4
74AC574R
9
8
7
6
5
4
3
2
TP2
E1
+5V
11
1
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
12
13
14
15
16
17
18
19
11
1
+5V
12
13
14
15
16
17
18
19
15
16
17
18
19
24
25
26
27
28
20
22
U6:A
74AC00R
U6:C
74AC00R
3
8
OUT
GND
VCC
Y1
SW41
3
2
4
R2
2k
1
2
9
10
+5V
+5V
12
13
11
U6:D
74AC00R
J6
C5
10
µF
C7
0.1
µF
+5V
J1
+
C6
10
µF
C8
0.1
µF
–5.2V
J5
+
+5V
C10
0.1
µF
C12
0.1
µF
C13
0.1
µF
C14
0.1
µF
C15
0.1
µF
C16
0.1
µF
C17
0.1
µF
C22
0.1
µF
C23
0.1
µF
C24
0.1
µF
–5.2V
C20
0.1
µF
J7
+5V


Similar Part No. - AD9050_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9050BR AD-AD9050BR Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050BRS AD-AD9050BRS Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050BRS-60 AD-AD9050BRS-60 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
More results

Similar Description - AD9050_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com