Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9070 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9070
Description  10-Bit, 100 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9070 Datasheet(HTML) 3 Page - Analog Devices

  AD9070_15 Datasheet HTML 1Page - Analog Devices AD9070_15 Datasheet HTML 2Page - Analog Devices AD9070_15 Datasheet HTML 3Page - Analog Devices AD9070_15 Datasheet HTML 4Page - Analog Devices AD9070_15 Datasheet HTML 5Page - Analog Devices AD9070_15 Datasheet HTML 6Page - Analog Devices AD9070_15 Datasheet HTML 7Page - Analog Devices AD9070_15 Datasheet HTML 8Page - Analog Devices AD9070_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. C
AD9070
Test
AD9070BR
5962-9756301HXC
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
5
Transient Response
25
°CV
3
3
ns
Overvoltage Recovery Time
25
°CV
4
4
ns
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10.3 MHz
25
°C
I
55
57
55
57
dB
Full
V
56
55
dB
fIN = 41 MHz
25
°C
I
54
56
54
56
dB
Full
V
55
54
dB
Signal-to-Noise Ratio (SINAD)
(With Harmonics)
fIN = 10.3 MHz
25
°C
I
54
56
54
56
dB
Full
V
55
54
dB
fIN = 41 MHz
25
°C
I
51
54
51
54
dB
Full
V
53
52
dB
Effective Number of Bit
fIN = 10.3 MHz
25
°C
I
8.8
9.2
8.8
9.2
Bits
fIN = 41 MHz
25
°C
I
8.3
8.9
8.3
8.9
Bits
2nd Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
63
70
63
70
dBc
fIN = 41 MHz
25
°C
I
58
63
58
63
dBc
3rd Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
65
71
65
71
dBc
fIN = 41 MHz
25
°C
I
57
61
57
61
dBc
Two-Tone Intermod Distortion (IMD)
fIN = 10.3 MHz
25
°C
V
70
70
dBc
fIN = 41 MHz
25
°C
V
60
60
dBc
NOTES
1Gain error and gain temperature coefficient are based on the ADC only (with a fixed –2.5 V external reference).
2t
V and tPD are measured from the threshold crossing of the ENCODE input to the 50% levels of the digital outputs. The output ac load during test is 10 pF.
3Power dissipation is measured under the following conditions: f
S 100 MSPS, analog input is –1 dBFS at 10.3 MHz. Power dissipation does not include the current of
the external ECL pull-down resistors that set the current in the ECL output followers.
4A change in input offset voltage with respect to a change in V
EE.
5SNR/harmonics based on an analog input voltage of –1.0 dBFS referenced to a 1.024 V full-scale input range.
Typical thermal impedance for the R style (SOIC) 28-lead package:
θ
JC = 23
°C/W, θ
CA = 48
°C/W, θ
JA = 71
°C/W.
Typical thermal impedance for the DH style (Ceramic DIP) 28-lead package:
θ
JC = 8
°C/W, θ
CA = 43
°C/W, θ
JA = 51
°C/W.
Contact DSCC to obtain the latest revision of the 5962-9756301 drawing.
Specifications subject to change without notice.
SAMPLE N–1
tEH
tEL
1/fs
tA
tPD
tV
SAMPLE N
SAMPLE N+3
SAMPLE N+4
SAMPLE N+2
SAMPLE N+1
DATA N–4
DATA N–3
DATA N–2
DATA N–1
DATA N
DATA N+1
AIN
ENCODE
ENCODE
D9–D0
Figure 1. Timing Diagram


Similar Part No. - AD9070_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9070/PCB AD-AD9070/PCB Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070BR AD-AD9070BR Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
More results

Similar Description - AD9070_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com