Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9237 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9237
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9237_15 Datasheet HTML 7Page - Analog Devices AD9237_15 Datasheet HTML 8Page - Analog Devices AD9237_15 Datasheet HTML 9Page - Analog Devices AD9237_15 Datasheet HTML 10Page - Analog Devices AD9237_15 Datasheet HTML 11Page - Analog Devices AD9237_15 Datasheet HTML 12Page - Analog Devices AD9237_15 Datasheet HTML 13Page - Analog Devices AD9237_15 Datasheet HTML 14Page - Analog Devices AD9237_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD9237
Rev. C | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 3.0 V, DRVDD = 2.5 V, maximum sample rate with DCS disabled, TA = 25°C, 2 V p-p differential input, AIN = –0.5 dBFS,
VREF = 1.0 V internal, FFT length 16 K, unless otherwise noted.
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
–120
010
68
4
2
SNR = 66.9dBc
SFDR = 87.0dBc
Figure 8. AD9237-20 10 MHz FFT
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
–120
020
12
16
8
418
10
14
6
2
SNR = 66.8dBc
SFDR = 83.1dBc
Figure 9. AD9237-40 20 MHz FFT
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
–120
SNR = 66.0dBc
SFDR = 78.6dBc
0
30 32.5
25
20
15
10
5
Figure 10. AD9237-65 70 MHz FFT
CLOCK FREQUENCY (MSPS)
90
85
80
75
70
65
60
10.0
20.0
17.5
15.0
12.5
SNR
SFDR
Figure 11. AD9237-20 SNR/SFDR vs. Clock Frequency with fIN = 10 MHz
CLOCK FREQUENCY (MSPS)
90
85
80
75
SFDR
SNR
70
65
20
40
35
30
25
Figure 12. AD9237-40 SNR/SFDR vs. Clock Frequency with fIN = 20 MHz
CLOCK FREQUENCY (MSPS)
90
85
80
75
70
65
60
40
65
55
60
50
45
SNR
SFDR
Figure 13. AD9237-65 SNR/SFDR vs. Clock Frequency with fIN = 35 MHz


Similar Part No. - AD9237_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9237 AD-AD9237_17 Datasheet
611Kb / 25P
   3 V Low Power A/D Converter
More results

Similar Description - AD9237_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com